công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMD27253M bảng dữ liệu(PDF) 24 Page - ams AG

tên linh kiện TMD27253M
Giải thích chi tiết về linh kiện  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M bảng dữ liệu(HTML) 24 Page - ams AG

Back Button TMD27253M Datasheet HTML 20Page - ams AG TMD27253M Datasheet HTML 21Page - ams AG TMD27253M Datasheet HTML 22Page - ams AG TMD27253M Datasheet HTML 23Page - ams AG TMD27253M Datasheet HTML 24Page - ams AG TMD27253M Datasheet HTML 25Page - ams AG TMD27253M Datasheet HTML 26Page - ams AG TMD27253M Datasheet HTML 27Page - ams AG TMD27253M Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-11] 2016-Sep-20
TMD2725 − Register Description
The frequency of consecutive proximity channel results outside
of threshold limits are counted; this count value is compared
against the PPERS value. If the counter is equal to the PPERS
value an interrupt is asserted. Any time a proximity channel
result is inside the threshold values the counter is cleared.
The frequency of consecutive photopic channel results outside
of threshold limits are counted; this count value is compared
against the APERS value. If the counter is equal to the APERS
setting an interrupt is asserted. Any time a photopic channel
result is inside the threshold values the counter is cleared.
3:0
APERS
0x0
RW
This register sets the ALS persistence filter.
0Every ALS Cycle
1
Any value outside ALS thresholds
2
2 consecutive ALS values out of range
3
3 consecutive ALS values out of range
4
5 consecutive ALS values out of range
5
10 consecutive ALS values out of range
6
15 consecutive ALS values out of range
7
20 consecutive ALS values out of range
……
13
50 consecutive ALS values out of range
14
55 consecutive ALS values out of range
15
60 consecutive ALS values out of range
Addr: 0x8C
PERS
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50