| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS6200 bảng dữ liệu(PDF) 27 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS6200 bảng dữ liệu(HTML) 27 Page - ams AG |
|
27 / 35 page ![]() ams Datasheet Page 27 [v1-01] 2016-Jun-17 Document Feedback AS6200 − Application Information External Components Figure 35: Schematic with External Components Figure 36: Values for External Components In Figure 35 and Figure 36 the schematics for external components are shown. The decoupling capacitor for the supply should have a value of at least 10 nF. The pull-up resistors on the serial interface and the interrupt also depend on the bus capacitance and on the clock speed, in Figure 36 recommended values are given. Parameter Min Max Unit Decoupling capacitor 10 nF Pull-up resistors 10 18 k Ω VDD Decoupling Cap VDD Slave Pull-up resistors RPU SDA VDD ADD0 SCL ALERT VSS SCL ALERT SDA |