| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C2M32S bảng dữ liệu(PDF) 8 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C2M32S bảng dữ liệu(HTML) 8 Page - Alliance Semiconductor Corporation |
|
8 / 53 page ![]() AS4C2M32S Confidential 8 Rev. 3.0 Dec. /2012 Figure 6. Read to Write Interval (Burst Length 4, CAS# Latency = 2) CLK COMMAND T0 T1 DQM T2 T3 T4 T5 T6 T7 T8 CAS# latency=2 tCK2, DQ Must be Hi-Z before the Write Command NOP NOP BANKA ACTIVATE NOP READ A WRITE A DIN A0 DIN A1 NOP NOP DIN A2 NOP T9 DIN A3 NOP Figure 7. Read to Write Interval (Burst Length 4, CAS# Latency = 2) Don’t Care CLK COMMAND T0 T1 DQM T2 T3 T4 T5 T6 T7 T8 CAS# latency=2 tCK2, DQ Must be Hi-Z before the Write Command NOP READ A NOP NOP NOP DIN B3 DIN B2 DIN B1 DIN B0 NOP WRITE B NOP NOP Figure 8. Read to Write Interval (Burst Length ≧ 4, CAS# Latency = 3) CLK COMMAND T0 T1 T2 T3 T4 T5 T6 NOP READ A NOP NOP NOP NOP WRITE B NOP T7 T8 NOP DQM DOUT A0 DIN B0 DIN B1 DIN B2 CAS# Latency=3 tCK3, DQ Must be Hi-Z before the Write Command Don’t Care A read burst without the auto precharge function may be interrupted by a BankPrecharge/ PrechargeAll command to the same bank. The following figure shows the optimum time that BankPrecharge/ PrechargeAll command is issued in different CAS latency. |