công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4C2M32S bảng dữ liệu(PDF) 20 Page - Alliance Semiconductor Corporation

tên linh kiện AS4C2M32S
Giải thích chi tiết về linh kiện  AS4C2M32S
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32S bảng dữ liệu(HTML) 20 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32S Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C2M32S Datasheet HTML 24Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
AS4C2M32S
Confidential
20
Rev. 3.0
Dec. /2012
Table 15. LVTTL Interface
Reference Level of Output Signals
1.4V / 1.4V
Output Load
Reference to the Under Output Load
Input Signal Levels (VIH /VIL)
2.4V / 0.4V
Transition Time (Rise and Fall) of Input Signals
1ns
Reference Level of Input Signals
1.4V
Output
1.2KΩ
30pF
3.3V
870Ω
Output
Z0=50Ω
50Ω
30pF
1.4V
Figure 18.1 LVTTL D.C. Test Load (A)
Figure 18.2 LVTTL A.C. Test Load (B)
7. Transition times are measured between VIH and VIL. Transition (rise and fall) of input signals are in a fixed
slope (1 ns).
8. tHZ defines the time in which the outputs achieve the open circuit condition and are not at reference levels.
9. If clock rising time is longer than 1 ns, (tR / 2 -0.5) ns should be added to the parameter.
10. Assumed input rise and fall time tT (tR & tF ) = 1 ns
If tR or tF is longer than 1 ns, transient time compensation should be considered, i.e., [(tr + tf)/2 - 1] ns should
be added to the parameter.
11. Power up Sequence
Power up must be performed in the following sequence.
1) Power must be applied to VDD and VDDQ (simultaneously) when CKE= “L”, DQM= “H” and all input
signals are held "NOP" state.
2) Start clock and maintain stable condition for minimum 200
s, then bring CKE= “H” and, it is
recommended that DQM is held "HIGH" (VDD levels) to ensure DQ output is in high impedance.
3) All banks must be precharged.
4) Mode Register Set command must be asserted to initialize the Mode register.
5) A minimum of 2 Auto-Refresh dummy cycles must be required to stabilize the internal circuitry of the
device.
* The Auto Refresh command can be issue before or after Mode Register Set command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com