công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRKD71 bảng dữ liệu(PDF) 1 Page - International Rectifier

tên linh kiện IRKD71
Giải thích chi tiết về linh kiện  ADD-A-pak GEN V Power Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRKD71 bảng dữ liệu(HTML) 1 Page - International Rectifier

  IRKD71 Datasheet HTML 1Page - International Rectifier IRKD71 Datasheet HTML 2Page - International Rectifier IRKD71 Datasheet HTML 3Page - International Rectifier IRKD71 Datasheet HTML 4Page - International Rectifier IRKD71 Datasheet HTML 5Page - International Rectifier IRKD71 Datasheet HTML 6Page - International Rectifier IRKD71 Datasheet HTML 7Page - International Rectifier IRKD71 Datasheet HTML 8Page - International Rectifier IRKD71 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameters
IRK.56
IRK.71
Units
I
F(AV)
@100°C
I
F(RMS)
94
126
A
I
FSM
@ 50Hz
1600
1790
A
@ 60Hz
1680
1870
A
I
2t @ 50Hz
12.89
15.90
KA
2s
@ 60Hz
11.76
14.53
KA
2s
I
2√t
128.9
159
KA
2√s
V
RRM
range
400 to 1600
V
T
J
- 40 to 150
oC
T
STG
- 40 to150
oC
60
80
A
Major Ratings and Characteristics
ADD-A-pakTM GEN V Power Modules
STANDARD DIODES
IRK.56, .71 SERIES
Bulletin I27140 rev. E 10/02
1
www.irf.com
60 A
80 A
Features
High Voltage
Industrial Standard Package
Thick Al metal die and double stick bonding
Thick copper baseplate
UL E78996 approved
3500V
RMS isolating voltage
Benefits
Up to 1600V
Full compatible TO-240AA
High Surge capability
Easy Mounting on heatsink
Al
203 DBC insulator
Heatsink grounded
Mechanical Description
The Generation V of Add-A-pak module combine the
excellent thermal performance obtained by the usage
of Direct Bonded Copper substrate with superior
mechanical ruggedness, thanks to the insertion of a
solid Copper baseplate at the bottom side of the device.
The Cu baseplate allow an easier mounting on the
majority of heatsink with increased tolerance of surface
roughness and improve thermal spread.
The Generation V of AAP module is manufactured
without hard mold, eliminating in this way any possible
direct stress on the leads.
Electrical Description
These modules are intended for general purpose high
voltage applications such as high voltage regulated power
supplies, lighting circuits, temperature and motor speed
control circuits, UPS and battery charger.
The electrical terminals are secured against axial pull-out:
they are fixed to the module housing via a click-stop
feature already tested and proved as reliable on other IR
modules.


Số phần tương tự - IRKD71

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Insel Rectifier India P...
IRKD70 IRI-IRKD70 Datasheet
964Kb / 4P
POWER MODULE
IRKD70/12 IRI-IRKD70/12 Datasheet
964Kb / 4P
POWER MODULE
IRKD70/16 IRI-IRKD70/16 Datasheet
964Kb / 4P
POWER MODULE
IRKD70/20 IRI-IRKD70/20 Datasheet
964Kb / 4P
POWER MODULE
IRKD70/22 IRI-IRKD70/22 Datasheet
964Kb / 4P
POWER MODULE
More results

Mô tả tương tự - IRKD71

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRKC91 IRF-IRKC91 Datasheet
109Kb / 7P
ADD-A-pak GEN V Power Modules
IRK.26 IRF-IRK.26 Datasheet
150Kb / 8P
ADD-A-pakTM GEN V Power Modules
IRKV105 IRF-IRKV105 Datasheet
117Kb / 8P
ADD-A-pak GEN V Power Modules THYRISTOR/ THYRISTOR
IRK91 IRF-IRK91 Datasheet
109Kb / 7P
ADD-A-pak GEN V Power Modules
IRK-71 IRF-IRK-71 Datasheet
238Kb / 10P
ADD - A - pak-TM GEN V Power Modules
IRK2.6 IRF-IRK2.6 Datasheet
155Kb / 8P
ADD-A-pak-TM GEN V Power Modules
IRKT.71 IRF-IRKT.71 Datasheet
237Kb / 10P
ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRK71 IRF-IRK71 Datasheet
244Kb / 10P
ADD-A-pak GEN V Power Modules
IRKU41 IRF-IRKU41 Datasheet
178Kb / 9P
ADD-A-pakTM GEN V Power Modules
IRKU105 IRF-IRKU105 Datasheet
121Kb / 8P
ADD-A-pakTM GEN V Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com