công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRKD71 bảng dữ liệu(PDF) 3 Page - International Rectifier

tên linh kiện IRKD71
Giải thích chi tiết về linh kiện  ADD-A-pak GEN V Power Modules
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRKD71 bảng dữ liệu(HTML) 3 Page - International Rectifier

  IRKD71 Datasheet HTML 1Page - International Rectifier IRKD71 Datasheet HTML 2Page - International Rectifier IRKD71 Datasheet HTML 3Page - International Rectifier IRKD71 Datasheet HTML 4Page - International Rectifier IRKD71 Datasheet HTML 5Page - International Rectifier IRKD71 Datasheet HTML 6Page - International Rectifier IRKD71 Datasheet HTML 7Page - International Rectifier IRKD71 Datasheet HTML 8Page - International Rectifier IRKD71 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRK.56, .71 Series
3
Bulletin I27140 rev. E 10/02
www.irf.com
T
J
Junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-40 to 150
°C
R
thJC
Max. thermal resistance,
junction to case
R
thCS
Typical thermal resistance,
Mounting surface flat, smooth and greased
case to heatsink
T
Mounting tourque ±10%
to heatsink
5
busbar
4
wt
Approximate weight
110 (4)
gr (oz)
Case style
TO-240AA
JEDEC
Parameter
IRK.56
IRK.71
Units
Conditions
0.5
0.4
K/W
Per junction, DC operation
Thermal and Mechanical Specifications
A mounting compound is recommended and the
torque should be rechecked after a period of 3 hours
to allow for the spread of the compound
Nm
0.1
K/W
Sine half wave conduction
Rect. wave conduction
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
IRK.56
0.11
0.13
0.16
0.22
0.32
0.09
0.14
0.17
0.23
0.32
IRK.71
0.06
0.08
0.11
0.14
0.21
0.06
0.09
0.11
0.15
0.21
°C/W
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance R
thJC
when devices operate at different conduction angles than DC)
IRK
D
71
/
16
A
1
2
3
Device Code
4
Ordering Information Table
1
-
Module type
2
-
Circuit configuration (See Circuit Configuration Table)
3
-
Current code
4
-
Voltage code (See Voltage Ratings Table)
5
-
A: Gen V
5



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com