| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UCD3138 bảng dữ liệu(PDF) 58 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138 bảng dữ liệu(HTML) 58 Page - Texas Instruments |
|
58 / 89 page ![]() QT1 QB1 Lr ISOLATED GATE Transformer SYNCHRONOUS GATE DRIVE PRIM CURRENT T1 T1 VBUS QT2 QB2 D1 D2 T2 L1 Q5 R2 Q6 I_pri VOUT 58 UCD3138 SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016 www.ti.com Submit Documentation Feedback Product Folder Links: UCD3138 Application and Implementation Copyright © 2012–2016, Texas Instruments Incorporated 7.2.2.2 DPWM Initialization for PSFB The UCD3138x DPWM peripheral provides flexibility for a wide range of topologies. The PSFB configuration utilizes the Intra-Mux and Edge Generation Modules of the DPWM. For a diagram showing these modules, see the UCD3138x Digital Power Peripherals Manual. Here is a schematic of the power stage of the PSFB: Figure 7-2. Schematic – PSFB Power Stage |