công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT89LS51-16PC bảng dữ liệu(PDF) 14 Page - ATMEL Corporation

tên linh kiện AT89LS51-16PC
Giải thích chi tiết về linh kiện  8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS51-16PC bảng dữ liệu(HTML) 14 Page - ATMEL Corporation

Back Button AT89LS51-16PC Datasheet HTML 10Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 11Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 12Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 13Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 14Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 15Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 16Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 17Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14
AT89LS51
3053A–8051–05/02
Power-off sequence (if needed):
Set XTAL1 to “L” (if a crystal is not used).
Set RST to “L”.
Turn VCC power off.
Data Polling: The Data Polling feature is also available in the serial mode. In this mode, dur-
ing a write cycle an attempted read of the last byte written will result in the complement of the
MSB of the serial output byte on MISO.
Serial
Programming
Instruction Set
The Instruction Set for Serial Programming follows a 4-byte protocol and is shown in Table 8.
Programming
Interface –
Parallel Mode
Every code byte in the Flash array can be programmed by using the appropriate combination
of control signals. The write operation cycle is self-timed and once initiated, will automatically
time itself to completion.
Most major worldwide programming vendors offer support for the Atmel microcontroller series.
Please contact your local programming vendor for the appropriate software revision.
Notes:
1. Each PROG pulse is 200 ns - 500 ns for Chip Erase.
2. Each PROG pulse is 200 ns - 500 ns for Write Code Data.
3. Each PROG pulse is 200 ns - 500 ns for Write Lock Bits.
4. RDY/BSY signal is output on P3.0 during programming.
5. X = don’t care.
Table 7. Flash Programming Modes
Mode
VCC
RST
PSEN
ALE/
PROG
EA/
VPP
P2.6
P2.7
P3.3
P3.6
P3.7
P0.7-0
Data
P2.3-0
P1.7-0
Address
WriteCodeData
5V
H
L
(2)
12V
L
HHHH
DIN
A11-8
A7-0
Read Code Data
5V
H
L
H
H
L
L
L
H
H
DOUT
A11-8
A7-0
Write Lock Bit 1
5V
H
L
(3)
12V
H
HHHH
X
X
X
Write Lock Bit 2
5V
H
L
(3)
12V
H
H
H
L
L
X
X
X
Write Lock Bit 3
5V
H
L
(3)
12V
H
L
H
H
L
X
X
X
Read Lock Bits
1, 2, 3
5V
H
L
H
H
H
H
L
H
L
P0.2,
P0.3,
P0.4
XX
Chip Erase
5V
H
L
(1)
12V
H
L
H
L
L
X
X
X
Read Atmel ID
5V
H
L
H
H
LLLLL
1EH
0000
00H
Read Device ID
5V
H
L
H
H
LLLLL
61H
0001
00H
Read Device ID
5V
H
L
H
H
LLLLL
06H
0010
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com