công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT89LS51-16PC bảng dữ liệu(PDF) 13 Page - ATMEL Corporation

tên linh kiện AT89LS51-16PC
Giải thích chi tiết về linh kiện  8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS51-16PC bảng dữ liệu(HTML) 13 Page - ATMEL Corporation

Back Button AT89LS51-16PC Datasheet HTML 9Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 10Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 11Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 12Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 13Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 14Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 15Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 16Page - ATMEL Corporation AT89LS51-16PC Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
AT89LS51
3053A–8051–05/02
Ready/Busy: The progress of byte programming can also be monitored by the RDY/BSY out-
put signal. P3.0 is pulled low after ALE goes high during programming to indicate BUSY.P3.0
is pulled high again when programming is done to indicate READY.
Program Verify: If lock bits LB1 and LB2 have not been programmed, the programmed code
data can be read back via the address and data lines for verification. The status of the indi-
vidual lock bits can be verified directly by reading them back.
Reading the Signature Bytes: The signature bytes are read by the same procedure as a nor-
mal verification of locations 000H, 100H, and 200H, except that P3.6 and P3.7 must be pulled
to a logic low. The values returned are as follows.
(000H) = 1EH indicates manufactured by Atmel
(100H) = 61H indicates 89LS51
(200H) = 06H
Chip Erase: In the parallel programming mode, a chip erase operation is initiated by using the
proper combination of control signals and by pulsing ALE/PROG low for a duration of 200 ns -
500 ns.
In the serial programming mode, a chip erase operation is initiated by issuing the Chip Erase
instruction. In this mode, chip erase is self-timed and takes about 500 ms.
During chip erase, a serial read from any address location will return 00H at the data output.
Programming
the Flash –
Serial Mode
The Code memory array can be programmed using the serial ISP interface while RST is
pulled to V
CC. The serial interface consists of pins SCK, MOSI (input) and MISO (output). After
RST is set high, the Programming Enable instruction needs to be executed first before other
operations can be executed. Before a reprogramming sequence can occur, a Chip Erase
operation is required.
The Chip Erase operation turns the content of every memory location in the Code array into
FFH.
Either an external system clock can be supplied at pin XTAL1 or a crystal needs to be con-
nected across pins XTAL1 and XTAL2. The maximum serial clock (SCK) frequency should be
less than 1/16 of the crystal frequency. With a 16 MHz oscillator clock, the maximum SCK fre-
quency is 1 MHz.
Serial
Programming
Algorithm
To program and verify the AT89LS51 in the serial programming mode, the following sequence
is recommended:
1.
Power-up sequence:
Apply power between VCC and GND pins.
Set RST pin to “H”.
If a crystal is not connected across pins XTAL1 and XTAL2, apply a 3 MHz to 16 MHz
clock to XTAL1 pin and wait for at least 10 milliseconds.
2.
Enable serial programming by sending the Programming Enable serial instruction to
pin MOSI/P1.5. The frequency of the shift clock supplied at pin SCK/P1.7 needs to be
less than the CPU clock at XTAL1 divided by 16.
3.
The Code array is programmed one byte at a time in either the Byte or Page mode. The
write cycle is self-timed and typically takes less than 1 ms at 2.7V.
4.
Any memory location can be verified by using the Read instruction that returns the con-
tent at the selected address at serial output MISO/P1.6.
5.
At the end of a programming session, RST can be set low to commence normal device
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com