công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9846PW bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện PCA9846PW
Giải thích chi tiết về linh kiện  4-channel ultra-low voltage, Fm I2C-bus switch with reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9846PW bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button PCA9846PW Datasheet HTML 9Page - NXP Semiconductors PCA9846PW Datasheet HTML 10Page - NXP Semiconductors PCA9846PW Datasheet HTML 11Page - NXP Semiconductors PCA9846PW Datasheet HTML 12Page - NXP Semiconductors PCA9846PW Datasheet HTML 13Page - NXP Semiconductors PCA9846PW Datasheet HTML 14Page - NXP Semiconductors PCA9846PW Datasheet HTML 15Page - NXP Semiconductors PCA9846PW Datasheet HTML 16Page - NXP Semiconductors PCA9846PW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
PCA9846
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 9 November 2015
13 of 32
NXP Semiconductors
PCA9846
4-channel ultra-low voltage, Fm+ I2C-bus switch with reset
6.7 Voltage level translation between I2C-buses
Today’s complex systems often use multiple power supplies to maximize power savings
and to meet the operating specifications of the devices used. This means that various
I2C-buses are also operating at differing voltage levels and cannot simply connect
together. In addition, modern microcontrollers operate down to 0.8 V to save power,
further complicating the connection of I2C-buses.
The PCA9846 is specifically designed to seamlessly handle these voltage level translation
issues. Any combination of bus voltages can be intermixed on the PCA9846 and correctly
translated to the other bus at Fm+ (1 MHz) speed.
Figure 14 shows a typical application. The microcontroller acts as the master and
operates at 0.8 V with its I2C-bus swinging between 0 V and 0.8 V. The temperature
sensor on channel 0 of the PCA9846 has a operates at 3.3 V, while the GPIO Expander
on channel 1 operates down to 1.8 V to interface with chip select and reset inputs on
various other ICs also operating at 1.8 V. Channel 2 of the PCA9846 is connected to the
I2C-bus of a power management device, operating at 2.5 V. The other channels of
PCA9846 are simply left unconnected.
VDD1 of the PCA9846 is a bias supply and is set at the lowest bus voltage, or 0.8 V of the
microcontroller. VDD1 sets the input switching points of each SCL and SDA at 0.3  VDD1
for a LOW level and 0.7
 V
DD1 for a HIGH level.
VDD2 is the core logic supply from which most of the PCA9846 circuitry runs. It must be at
least 0.8 V larger than VDD1 to allow proper operation of the pass transistor switches.
Since VDD1 is 0.8 V, VDD2 must be greater than 1.6 V. Since the GPIO Expander on
channel 1 is running at 1.8 V, an adequate power supply is available.
The I2C-bus is open-drain, so pull-up resistors are needed on each I2C-bus segment. This
is where the voltage level translation happens. The pass transistor internal to the
PCA9846 limit the output voltage to VDD1 which is the lowest bus voltage. The pull-up
resistors will then limit the HIGH level of each bus segment to the power supply of the
devices on that segment. Note that the pull-up resistors on channel 0 are connected to
3.3 V, the and resistors on channel 1 are connected to 1.8 V, while the resistors on
channel 2 are connected to 2.5 V — effectively translating the 0.8 V signal swing of the
microcontroller to the correct voltage level for each peripheral.
One thing to note is noise margin on each I2C-bus segment is somewhat reduced due to
the input levels set by VDD1. Especially in this example, the I2C-bus LOW level is
0.3
 V
DD1 or 0.24 V, so extreme care must be taken to ensure all bus segments meet this
specification. It also means that static offset buffers may not work correctly if the offset
side is connected to the PCA9846.
Another point to examine is that there is no buffering capability between the upstream and
the downstream buses. This is simply a pass transistor, which acts like a switch and a
series resistor, between these bus segments. The series resistance is the Ron of the pass
transistor and is inversely proportional to the minimum of VDD1 + VTH or VDD2, where VTH
is approximately 0.8 V. Refer to Table 8 for some representative Ron values. An upcoming
application note will explain Ron more thoroughly. Therefore, a careful analysis of bus
capacitance and pull-up resistor values is called for.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com