công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9846PW bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện PCA9846PW
Giải thích chi tiết về linh kiện  4-channel ultra-low voltage, Fm I2C-bus switch with reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9846PW bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button PCA9846PW Datasheet HTML 5Page - NXP Semiconductors PCA9846PW Datasheet HTML 6Page - NXP Semiconductors PCA9846PW Datasheet HTML 7Page - NXP Semiconductors PCA9846PW Datasheet HTML 8Page - NXP Semiconductors PCA9846PW Datasheet HTML 9Page - NXP Semiconductors PCA9846PW Datasheet HTML 10Page - NXP Semiconductors PCA9846PW Datasheet HTML 11Page - NXP Semiconductors PCA9846PW Datasheet HTML 12Page - NXP Semiconductors PCA9846PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
PCA9846
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 9 November 2015
9 of 32
NXP Semiconductors
PCA9846
4-channel ultra-low voltage, Fm+ I2C-bus switch with reset
6.3 Control register
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9846, which will be stored in the control register. If multiple bytes are
received by the PCA9846, it will save the last byte received. This register can be written
and read via the I2C-bus.
If more than 3 bytes are read, the slave device loops back to the first byte (manufacturer byte) and keeps sending data until the
master generates a ‘no acknowledge’.
Fig 9.
Device ID field read operation
aaa-011781
A7 A6 A5 A4 A3 A2 A1
I2C-bus slave address
of the device to be identified
A
no acknowledge
from master
P
STOP condition
M
11
M
10
M9 M8 M7 M6 M5 M4
Sr
repeated START
condition
1 A
R/W
S
1
1
1
1
1
0
0
Device ID address
START condition
0 A
R/W
acknowledge from
one or several slaves
0 A
don’t care
acknowledge from
slave to be identified
1
1
1
1
1
0
0
Device ID address
acknowledge from
slave to be identified
A M3 M2 M1 M0
acknowledge
from master
manufacturer name = 000000000000
P8 P7 P6 P5 A
acknowledge
from master
P4 P3 P2 P1 P0 R2 R1 R0
part identification = 100001010
revision = 000
Fig 10. Control register
002aab190
X
X
X
X
B3
B2
B1
B0
channel selection bits
(read/write)
76543210
channel 0
channel 1
channel 2
channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com