| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RFRXD0920 bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RFRXD0920 bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 32 page ![]() 2003 Microchip Technology Inc. Preliminary DS70090A-page 21 rfRXD0420/0920 3.4 Frequency Modulation (FM) Figure 3-16 illustrates an example FM application circuit. 3.4.1 FSK DETECTOR FM demodulation is performed in the same manner as described in the FSK section above. 3.4.2 OPERATIONAL AMPLIFIER The internal operational amplifier is configured as an active low-pass filter. FM audio is typically de-emphasized. It is recom- mended that de-emphasis circuitry be connected at the output of the operational amplifier rather than the output of the detector. |