công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RFRXD0920 bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện RFRXD0920
Giải thích chi tiết về linh kiện  UHF ASK/FSK/FM Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFRXD0920 bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button RFRXD0920 Datasheet HTML 5Page - Microchip Technology RFRXD0920 Datasheet HTML 6Page - Microchip Technology RFRXD0920 Datasheet HTML 7Page - Microchip Technology RFRXD0920 Datasheet HTML 8Page - Microchip Technology RFRXD0920 Datasheet HTML 9Page - Microchip Technology RFRXD0920 Datasheet HTML 10Page - Microchip Technology RFRXD0920 Datasheet HTML 11Page - Microchip Technology RFRXD0920 Datasheet HTML 12Page - Microchip Technology RFRXD0920 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS70090A-page 9
rfRXD0420/0920
3.0
APPLICATION CIRCUITS
This section provides general information on applica-
tion circuits for the rfRXD0420/0920 receiver. The
following
connections
and
external
components
provide starting points for designs and list the minimum
circuitry
recommended
for
general
purpose
applications.
Performance of the radio system (transmitter and
receiver) is affected by component selection and the
environment in which it operates. Each system design
has its own unique requirements. Specifications for a
particular design requires careful analysis of the appli-
cation and compromises for a practical implementation.
3.1
General
This subsection lists connections and components that
are common between applications. The following
subsections give specific circuit connections and
components for ASK, FSK and FM applications.
3.1.1
BYPASS CAPACITORS
Bypass capacitors should be placed as physically close
as possible to VDD pins 8, 14, 17, 27 and 32
respectively. Additional bypassing and board level low-
pass filtering of the power supply may be required
depending on the application.
3.1.2
FREQUENCY PLANNING
The rfRXD0420/0920 receivers are single-conversion
superheterodyne
architecture
with
a
single
IF
frequency. The receive frequency is set by the crystal
frequency (fXTAL) and intermediate frequency (fif). For
a majority of applications an external crystal is
connected to XTAL (Pin 26). Figure 3-1 illustrates an
example circuit with an optional trim capacitor.
FIGURE 3-1:
XTAL EXAMPLE CIRCUIT
WITH OPTIONAL TRIM
CAPACITOR
The crystal load capacitance should be specified to
include the internal load capacitance of the XTAL pin of
15 pF plus PCB stray capacitance (approximately 2 to
3 pF). A trim capacitor can be used to trim the crystal
on frequency within the limitations of the crystal’s trim
sensitivity and pullability. Figure 3-2 illustrates the
effect the trim capacitor has on the receive frequency
for the rfRXD0420 at 433.92 MHz. Keep in mind that
this graph represents one example circuit and the
actual results depends on the crystal and PCB layout.
FIGURE 3-2:
RECEIVE FREQUENCY VS.
TRIM CAPACITANCE
Note that a 0
Ω resistor, in the lower left of the graph,
represents an infinite capacitance. This will be the
lowest frequency obtainable for the crystal and PCB
combination.
Calculation of the crystal frequency requires knowl-
edge of the receive frequency (frf) and intermediate
frequency (fif). Figure 3-3 is a worksheet to assist the
designer in calculating the crystal frequency. Table 3-1
lists crystal frequencies for popular receive frequen-
cies. Table 3-2 lists crystal parameters required for
ordering crystals. For background information on
crystal selection see Application Note AN826, Crystal
Oscillator Basics and Crystal Selection for rfPICTM and
PICmicro® Devices.
26
C TRIM
(OPTIONAL)
X1
TABLE 3-1:
CRYSTAL FREQUENCIES FOR
POPULAR RECEIVE
FREQUENCIES
Receive
Frequency
Crystal
Frequency
rfRXD0420
315 MHz
20.35625 MHz (2)
433.92 MHz
26.45125 MHz (1)
rfRXD0920
868.3 MHz
26.8 MHz (1)
915 MHz
28.259375 MHz (1)
(1) Low-side injection (2) High-side injection
TABLE 3-2:
CRYSTAL PARAMETERS
Parameter
Value
Frequency:
(see Figure 3-1)
Mode:
Fundamental
Load Capacitance:
15-20 pF
ESR:
60
Ω Maximum
These values are for design guidance only.
433.75
433.80
433.85
433.90
433.95
434.00
434.05
434.10
Trim Capacitor (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com