công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8248VRM bảng dữ liệu(PDF) 19 Page - Motorola, Inc

tên linh kiện MPC8248VRM
Giải thích chi tiết về linh kiện  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248VRM bảng dữ liệu(HTML) 19 Page - Motorola, Inc

Back Button MPC8248VRM Datasheet HTML 15Page - Motorola, Inc MPC8248VRM Datasheet HTML 16Page - Motorola, Inc MPC8248VRM Datasheet HTML 17Page - Motorola, Inc MPC8248VRM Datasheet HTML 18Page - Motorola, Inc MPC8248VRM Datasheet HTML 19Page - Motorola, Inc MPC8248VRM Datasheet HTML 20Page - Motorola, Inc MPC8248VRM Datasheet HTML 21Page - Motorola, Inc MPC8248VRM Datasheet HTML 22Page - Motorola, Inc MPC8248VRM Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
19
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
AC Electrical Characteristics
AC Electrical Characteristics
6.2
SIU AC Characteristics
Table 11 lists SIU input characteristics.
NOTE: PCI AC Timing
The MPC8272 meets the timing requirements of PCI Specification
Revision 2.2. Refer to Section 7, “Clock Configuration Modes” and “Note:
Tval (Output Hold)” to determine if a specific clock configuration is
compliant.
Table 12 lists SIU output characteristics.
NOTE
Activating data pipelining (setting BRx[DR] in the memory controller)
improves the AC timing.
Figure 9 shows the interaction of several bus signals.
Table 11. AC Characteristics for SIU Inputs 1
1 Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN.Timings
are measured at the pin.
Spec Number
Characteristic
Value (ns)
Setup
Hold
Setup
Hold
66
MHz
83
MHz
100
MHz
66
MHz
83
MHz
100
MHz
sp11
sp10
AACK/TA/TS/DBG/BG/BR
6
5
3.5
0.5
0.5
0.5
sp11a
sp10
ARTRY/ TEA
6
5
4
0.5
0.5
0.5
sp12
sp10
Data bus in normal mode
5
4
3.5
0.5
0.5
0.5
sp13
sp10
Data bus in pipeline mode
5
4
2.5
0.5
0.5
0.5
sp15
sp10
All other pins
5
4
3.5
0.5
0.5
0.5
Table 12. AC Characteristics for SIU Outputs 1
1 Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
Spec Number
Characteristic
Value (ns)
Max
Min
Maximum Delay
Minimum Delay
66
MHz
83
MHz
100
MHz
66
MHz
83
MHz
100
MHz
sp31
sp30
PSDVAL/TEA/TA
76
5.5
111
sp32
sp30
ADD/ADD_atr./BADDR/CI/GBL/WT
8
6.5
5.5
1
1
1
sp33
sp30
Data bus 2
2 To achieve 1 ns of hold time at 66.67/83.33/100 MHZ, a minimum loading of 20 pF is required.
6.5
6.5
5.5
0.5
0.5
0.5
sp34
sp30
Memory controller signals/ALE
6
5.5
5.5
1
1
1
sp35
sp30
All other signals
6
5.5
5.5
1
1
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com