công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8248VRM bảng dữ liệu(PDF) 53 Page - Motorola, Inc

tên linh kiện MPC8248VRM
Giải thích chi tiết về linh kiện  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248VRM bảng dữ liệu(HTML) 53 Page - Motorola, Inc

Back Button MPC8248VRM Datasheet HTML 48Page - Motorola, Inc MPC8248VRM Datasheet HTML 49Page - Motorola, Inc MPC8248VRM Datasheet HTML 50Page - Motorola, Inc MPC8248VRM Datasheet HTML 51Page - Motorola, Inc MPC8248VRM Datasheet HTML 52Page - Motorola, Inc MPC8248VRM Datasheet HTML 53Page - Motorola, Inc MPC8248VRM Datasheet HTML 54Page - Motorola, Inc MPC8248VRM Datasheet HTML 55Page - Motorola, Inc MPC8248VRM Datasheet HTML 56Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
MOTOROLA
MPC8272 PowerQUICC II™ Family Hardware Specifications
53
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Ordering Information
10
Ordering Information
Figure 15 provides an example of the Motorola part numbering nomenclature for the MPC8272. In addition
to the processor frequency, the part numbering scheme also consists of a part modifier that indicates any
enhancement(s) in the part from the original production design. Each part number also contains a revision
code that refers to the die mask revision number and is specified in the part numbering scheme for
identification purposes only. For more information, contact a local Motorola sales office.
Figure 15. Motorola Part Number Key
11
Document Revision History
Table 21 lists significant changes between revisions of this hardware specification.
Table 21. Document Revision History
Revision
Date
Substantive Changes
0
5/2003
NDA release
Product Code
Device Number
Package
Die Revision Level
MPC 82XX C VR XXX X
Temperature Range
Blank = 0 to 105 ˚C
C = -40 to 105 ˚C
ZQ = 516 PBGA (lead spheres)
VR = 516 PBGA (no lead spheres)
B = 66
E = 100
I = 200
M = 266
P = 300
T = 400
CPU/CPM/Bus Frequency (MHz)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com