| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8272CVRB bảng dữ liệu(PDF) 39 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8272CVRB bảng dữ liệu(HTML) 39 Page - Motorola, Inc |
|
39 / 56 page ![]() 39 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Pinout Pinout 8 Pinout The figure and table below show the pin assignments and pinout for the 516 PBGA package. Figure 12 shows the pinout of the 516 PBGA package as viewed from the top surface. Figure 12. Pinout of the 516 PBGA Package (View from Top) 1 234 5 6789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 Not to Scale 1 234 5 6789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |