| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8248VRB bảng dữ liệu(PDF) 40 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8248VRB bảng dữ liệu(HTML) 40 Page - Motorola, Inc |
|
40 / 56 page ![]() 40 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Pinout Pinout Table 19 shows the pinout of the MPC8272. Note that the pins in the ‘MPC8272/8271 only” column relate to Utopia functionality. Table 19. Pinout Pin Name Ball MPC8272/MPC8248 and MPC8271/MPC8247 MPC8272/MPC8271 only BR A19 BG/IRQ6 D2 ABB/IRQ2 C1 TS D1 A0 A3 A1 B5 A2 D8 A3 C6 A4 A4 A5 A6 A6 B6 A7 C7 A8 B7 A9 A7 A10 D9 A11 E11 A12 C9 A13 B9 A14 D11 A15 A9 A16 B10 A17 A10 A18 B11 A19 A11 A20 D12 A21 A12 A22 D13 A23 B13 A24 C13 A25 C14 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |