| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8248VRB bảng dữ liệu(PDF) 33 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8248VRB bảng dữ liệu(HTML) 33 Page - Motorola, Inc |
|
33 / 56 page ![]() 33 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE Clock Configuration Modes Clock Configuration Modes 1001_011 62.5 66.7 4 250.0 266.6 4 250.0 266.6 4 62.5 66.7 1001_100 55.6 66.7 4 222.2 266.6 4.5 250.0 300.0 4 55.6 66.7 1010_000 Reserved 1010_001 50.0 66.7 4 200.0 266.6 3 200.0 266.6 3 66.7 88.9 1010_010 53.6 66.7 4 214.3 266.6 3.5 250.0 311.1 3 71.4 88.9 1010_011 50.0 66.7 4 200.0 266.6 4 266.7 355.5 3 66.7 88.9 1010_100 50.0 66.7 4 200.0 266.6 4.5 300.0 400.0 3 66.7 88.9 1011_000 Reserved 1011_001 50.0 66.7 4 200.0 266.6 2.5 200.0 266.6 2.5 80.0 106.7 1011_010 50.0 66.7 4 200.0 266.6 3 240.0 320.0 2.5 80.0 106.7 1011_011 50.0 66.7 4 200.0 266.6 3.5 280.0 373.3 2.5 80.0 106.7 1011_100 50.0 66.7 4 200.0 266.6 4 320.0 426.6 2.5 80.0 106.7 1011_101 50.0 66.7 4 200.0 266.6 2.5 250.0 333.3 2 100.0 133.3 1011_110 50.0 66.7 4 200.0 266.6 3 300.0 400.0 2 100.0 133.3 1011_111 50.0 66.7 4 200.0 266.6 3.5 350.0 466.6 2 100.0 133.3 1100_101 50.0 66.7 6 300.0 400.0 4 400.0 533.3 3 100.0 133.3 1100_110 50.0 66.7 6 300.0 400.0 4.5 450.0 599.9 3 100.0 133.3 1100_111 50.0 66.7 6 300.0 400.0 5 500.0 666.6 3 100.0 133.3 1101_000 50.0 66.7 6 300.0 400.0 5.5 550.0 733.3 3 100.0 133.3 1101_001 50.0 66.7 6 300.0 400.0 3.5 420.0 559.9 2.5 120.0 160.0 1101_010 50.0 66.7 6 300.0 400.0 4 480.0 639.9 2.5 120.0 160.0 1101_011 50.0 66.7 6 300.0 400.0 4.5 540.0 719.9 2.5 120.0 160.0 1101_100 50.0 66.7 6 300.0 400.0 5 600.0 799.9 2.5 120.0 160.0 1110_000 50.0 66.7 5 250.0 333.3 2.5 312.5 416.6 2 125.0 166.7 1110_001 50.0 66.7 5 250.0 333.3 3 375.0 500.0 2 125.0 166.7 Table 17. Clock Configurations for PCI Agent Mode (PCI_MODCK=0) 1, 2 (continued) Mode 3 PCI Clock (MHz) CPM Multiplication Factor 4 CPM Clock (MHz) CPU Multiplication Factor 5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |