| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 283 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 283 Page - Mitsubishi Electric Semiconductor |
|
283 / 355 page ![]() 38B5 Group User’s Manual 3-35 APPENDIX 3.5 Control registers Fig. 3.5.5 Structure of port P9 Fig. 3.5.6 Structure of port P9 direction register Port P9 b7 b6 b5 b4 b3 b2 b1 b0 Port P9 (P9: address 1216) b 0 0 Port P90 qIn output mode Write •••••••• Port latch Read •••••••• Port latch qIn input mode Write •••••••• Port latch Read •••••••• Value of pin Port P91 Functions Name At reset R W 1 0 2 0 0 0 0 0 0 4 5 6 7 3 Nothing is arranged for these bits. When these bits are read out, the contents are undefined. !! !! !! !! !! !! Port P9 direction register b7 b6 b5 b4 b3 b2 b1 b0 Port P9 direction register (P9D: address 1316) 0 : Port P90 input mode 1 : Port P90 output mode b 0 1 2 3 4 5 Name 0 Functions At reset R W 0 : Port P91 input mode 1 : Port P91 output mode 0 0 0 0 0 Port P9 direction register 6 0 7 0 !! !! Nothing is arranged for these bits. When these bits are read out, the contents are undefined. 0 0 !! !! !! !! |