| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 97 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 97 Page - Mitsubishi Electric Semiconductor |
|
97 / 355 page ![]() 2-9 APPLICATION 2.1 I/O port 38B5 Group User’s Manual (2) Termination remarks Input ports and I/O ports : Do not open in the input mode. q Reason • The power source current may increase depending on the first-stage circuit. • An effect due to noise may be easily produced as compared with proper termination and shown on the above. I/O ports : When setting for the input mode, do not connect to VCC or VSS directly. q Reason If the direction register setup changes for the output mode because of a program runaway or noise, a short circuit may occur between a port and VCC (or VSS). I/O ports : When setting for the input mode, do not connect multiple ports in a lump to VCC or VSS through a resistor. q Reason If the direction register setup changes for the output mode because of a program runaway or noise, a short circuit may occur between ports. • At the termination of unused pins, perform wiring at the shortest possible distance (20 mm or less) from microcomputer pins. |