| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B53M4-059FP bảng dữ liệu(PDF) 282 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP bảng dữ liệu(HTML) 282 Page - Mitsubishi Electric Semiconductor |
|
282 / 355 page ![]() 3-34 APPENDIX 38B5 Group User’s Manual 3.5 Control registers Fig. 3.5.3 Structure of port P6 Fig. 3.5.4 Structure of port P6 direction register Port P6 b7 b6 b5 b4 b3 b2 b1 b0 Port P6 (P6: address 0C16) b 0 0 Port P60 qIn output mode Write •••••••• Port latch Read •••••••• Port latch qIn input mode Write •••••••• Port latch Read •••••••• Value of pin Port P61 Port P62 Port P63 Port P64 Port P65 Functions Name At reset R W 1 0 2 0 3 0 4 0 5 0 6 0 7 0 !! !! Nothing is arranged for these bits. When these bits are read out, the contents are undefined. Port P6 direction register b7 b6 b5 b4 b3 b2 b1 b0 Port P6 direction register (P6D: address 0D16) 0 : Port P60 input mode 1 : Port P60 output mode b 0 1 2 3 4 5 Name 0 Functions At reset R W 0 : Port P61 input mode 1 : Port P61 output mode 0 0 : Port P62 input mode 1 : Port P62 output mode 0 0 : Port P63 input mode 1 : Port P63 output mode 0 0 : Port P64 input mode 1 : Port P64 output mode 0 0 : Port P65 input mode 1 : Port P65 output mode 0 Port P6 direction register 6 0 7 0 !! !! Nothing is arranged for these bits. When these bits are read out, the contents are undefined. |