| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMX2433TM bảng dữ liệu(PDF) 43 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMX2433TM bảng dữ liệu(HTML) 43 Page - National Semiconductor (TI) |
|
43 / 49 page ![]() 2.0 Programming Description (Continued) 2.7 R3 REGISTER The R3 register contains the IF_R, IF_CPP, IF_CPG, IF_CPT, and IF_RST control words, in addition to two of the four bits that compose the MUX control word. The detailed descriptions and programming information for each control word is discussed in the following sections. Reg 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210 DATA[20:0] FIELD ADDRESS [2:0] FIELD R3 MUX[1:0] IF_ RST IF_ CPT IF_ CPG IF_ CPP IF_R[14:0] 0 1 1 2.7.1 IF_R[14:0] - IF Synthesizer Programmable Reference Divider (R Counter) (R3[17:3]) The IF reference divider (IF_R) can be programmed to support divide ratios from 3 to 32767. Divide ratios less than 3 are prohibited. Divide Ratio IF_R[14:0] 14 13 12 11 10 987654321 0 3 00000000000001 1 4 00000000000010 0 • •••••••••••••• • 32767 11111111111111 1 2.7.2 IF_CPP - IF Synthesizer Phase Detector Polarity (R3[18]) The IF_CPP bit is used to control the IF synthesizer’s phase/ frequency detector polarity based on the VCO tuning characteristics. Control Bit Register Location Description Function 01 IF_CPP R3[18] IF Phase/ Frequency Detector Polarity IF VCO Negative Tuning Characteristics IF VCO Positive Tuning Characteristics IF VCO Characteristics 20053568 www.national.com 43 |