| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMX2433TM bảng dữ liệu(PDF) 41 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMX2433TM bảng dữ liệu(HTML) 41 Page - National Semiconductor (TI) |
|
41 / 49 page ![]() 2.0 Programming Description (Continued) 2.5.1.2 RF_A[4:0] - LMX2434 RF Synthesizer Swallow Counter (A Counter) (R1[7:3]) The LMX2434 A counter is a 5-bit swallow counter used in the programmable feedback divider. The RF_A control word can be programmed to values ranging from 0 to 31. Divide Ratio LMX2434 RF_A[4:0] 4321 0 0 0000 0 1 0000 1 • •••• • 31 1111 1 2.5.2 LMX243x RF Synthesizer Programmable Binary Counter 2.5.2.1 RF_B[14:0] - LMX2430/33 RF Synthesizer Programmable Binary Counter (B Counter) (R1[21:7]) The RF_B control word is used to setup the RF synthesizer’s B counter. For both the LMX2430 and LMX2433, the B counter is a 15-bit programmable binary counter used in the programmable feedback divider. The RF_B control word can be programmed to values ranging from 3 to 32767. Divide ratios less than 3 are prohibited. Divide Ratio LMX2430/33 RF_B[14:0] 14 13 12 11 10 987654321 0 3 00000000000001 1 4 00000000000010 0 • •••••••••••••• • 32767 11111111111111 1 2.5.2.2 RF_B[13:0] - LMX2434 RF Synthesizer Programmable Binary Counter (B Counter) (R1[21:8]) The LMX2434 B counter is a 14-bit programmable binary counter used in the programmable feedback divider. The RF_B control word can be programmed to values ranging from 3 to 16383. Divide ratios less than 3 are prohibited. Divide Ratio LMX2434 RF_B[13:0] 13 12 11 10 987654321 0 3 0000000000001 1 4 0000000000010 0 • ••••••••••••• • 16383 1111111111111 1 2.5.3 LMX243x RF Synthesizer Prescaler Select 2.5.3.1 RF_P - LMX2430/33 RF Synthesizer Prescaler Select (R1[22]) Both the LMX2430 and LMX2433 RF synthesizers utilize a selectable dual modulus prescaler. An 8/9 or a 16/17 prescale ratio can be selected. Control Bit Register Location Description Function 01 RF_P R1[22] LMX2430/33 RF Prescaler Select 8/9 Prescaler Selected 16/17 Prescaler Selected 2.5.3.2 RF_P - LMX2434 RF Synthesizer Prescaler Select (R1[22]) The LMX2434 RF synthesizer utilizes a selectable dual modulus prescaler. A 16/17 or a 32/33 prescale ratio can be selected. Control Bit Register Location Description Function 01 RF_P R1[22] LMX2434 RF Prescaler Select 16/17 Prescaler Selected 32/33 Prescaler Selected www.national.com 41 |