công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAM8904Q bảng dữ liệu(PDF) 3 Page - Diodes Incorporated

tên linh kiện PAM8904Q
Giải thích chi tiết về linh kiện  AUTOMOTIVE 18VPP OUTPUT PEIZO SOUNDER DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8904Q bảng dữ liệu(HTML) 3 Page - Diodes Incorporated

  PAM8904Q Datasheet HTML 1Page - Diodes Incorporated PAM8904Q Datasheet HTML 2Page - Diodes Incorporated PAM8904Q Datasheet HTML 3Page - Diodes Incorporated PAM8904Q Datasheet HTML 4Page - Diodes Incorporated PAM8904Q Datasheet HTML 5Page - Diodes Incorporated PAM8904Q Datasheet HTML 6Page - Diodes Incorporated PAM8904Q Datasheet HTML 7Page - Diodes Incorporated PAM8904Q Datasheet HTML 8Page - Diodes Incorporated PAM8904Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PAM8904Q
Document number: DS38977 Rev. 1 - 2
3 of 11
www.diodes.com
June 2016
© Diodes Incorporated
PAM8904Q
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristics
Value
Unit
VIN
Supply Voltage
-0.3 to +5.5
V
VI
CPM1, CPM2
GND -0.3 to VIN +0.3
V
θJA
Thermal Resistance (Junction to Ambient)
35
°C/W
θJC
Thermal Resistance (Junction to Case)
14
°C/W
TJ
Operating Junction Temperature Range
-40 to +150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
ESD Susceptibility
HBM
Human Body Model
8
kV
MM
Machine Model
600
V
CDM
Charged Device Model
1
kV
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings
only; functional operation of the device at conditions between maximum recommended operating conditions and absolute maximum ratings is not
implied. Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.
(Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.)
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristics
Min
Max
Unit
VIN
Supply Voltage
2.3
5.0
V
VIH
High-Level Input Voltage
CPM1,CPM2
1.2
VIN +0.3
V
VIL
Low-Level Input Voltage
CPM1,CPM2
-0.3
+0.4
V
TA
Operating Free-Air Temperature
-40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com