| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8833 bảng dữ liệu(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8833 bảng dữ liệu(HTML) 15 Page - NXP Semiconductors |
|
15 / 112 page ![]() 2003 Feb 14 15 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 6.2.3 SOFTWARE RESET The software reset (SWRESET) has exactly the same effect as the hardware reset; see Section 6.2.2. After sending SWRESET any command can be sent immediately without any additional delay in between, for instance: Sleep_OUT, BSTRON and DISPON, etc. Table 5 Software reset register bits D/C 76543210 DEFAULT 000000001 01H 6.2.4 BOOSTER VOLTAGE OFF The DC-to-DC converters are turned off and pins VLCDOUT1 and VLCDOUT2 become 3-state. In order to avoid any optical effect on the display, the sequence given in Fig.2 must be used before the internal display supply generation circuits are turned off. The external LCD supply input voltages (VLCDIN1 and VLCDIN2) can be applied while the display voltage generation (BSTROFF) is off. When BSTROFF, DISPON and Sleep_OUT are set, the external LCD supply input voltages (VLCDIN1 and VLCDIN2) must be applied, otherwise the display outputs will be undefined. Command Sleep_IN does not effect the setting of BSTRON/BSTROFF or DISPON/DISPOFF, but switches off the DC-to-DC converter (booster) and ties the display outputs to VSS1. For the effect of possible combinations of commands Sleep_IN/Sleep_OUT and BSTRON/BSTROFF; see Table 17 and Fig.4. Figure 7 shows the effects of the combination of commands BSTRON and BSTROFF with DISPON and DISPOFF. Table 6 Booster voltage off register bits D/C 76543210 DEFAULT 000000010 02H handbook, halfpage MGU911 send DISPOFF (28H) start end send BSTROFF (02H) Fig.2 Booster voltage off flow chart. |