| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8833 bảng dữ liệu(PDF) 73 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8833 bảng dữ liệu(HTML) 73 Page - NXP Semiconductors |
|
73 / 112 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... SCLK SCE SDIN SDOUT MGU963 P S TB TB TB b6 b7 b5 b4 b3 b2 b1 b0 DC d23 d22 d21. . . d3 d2 d1 d0 b7 b6 b5 b4 b3 b2 b1 b0 DC Fig.47 Serial bus protocol, Read mode (PS[2:0] = XX0) for the RDDIDIF command. SCLK SCE SDIN SDOUT MGU964 P S TB TB TB b6 b7 b5 b4 b3 b2 b1 b0 DC d31 d30 d29. . . d3 d2 d1 d0 b7 b6 b5 b4 b3 b2 b1 b0 DC Fig.48 Serial bus protocol, Read mode (PS[2:0] = XX0) for the RDDST command. |