| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8833 bảng dữ liệu(PDF) 104 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8833 bảng dữ liệu(HTML) 104 Page - NXP Semiconductors |
|
104 / 112 page ![]() 2003 Feb 14 104 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 D1 545 +5161.464 +1035.694 D4 546 +5003.064 +1035.694 D0/SDIN 547 +4844.664 +1035.694 SDOUT 548 +4686.264 +1035.694 DC/SCLK 549 +4527.864 +1035.694 WR 550 +4369.464 +1035.694 RD 551 +4211.064 +1035.694 PS0 552 +4052.664 +1035.694 PS1 553 +3894.264 +1035.694 PS2 554 +3735.864 +1035.694 OSC 555 +3577.464 +1035.694 VDDTIEOFF 556 +3419.064 +1035.694 VOTPdrain 557 +3207.864 +1035.694 VOTPdrain 558 +3155.064 +1035.694 VOTPdrain 559 +3102.264 +1035.694 VOTPdrain 560 +3049.464 +1035.694 VOTPdrain 561 +2996.664 +1035.694 VOTPdrain 562 +2943.864 +1035.694 VOTPdrain 563 +2891.064 +1035.694 VOTPdrain 564 +2838.264 +1035.694 VOTPgate 565 +2679.864 +1035.694 VOTPgate 566 +2627.064 +1035.694 VOTPgate 567 +2574.264 +1035.694 VOTPgate 568 +2521.464 +1035.694 VOTPgate 569 +2468.664 +1035.694 VOTPgate 570 +2415.864 +1035.694 VOTPgate 571 +2363.064 +1035.694 VOTPgate 572 +2310.264 +1035.694 T6 573 +2099.064 +1035.694 T5 574 +1940.664 +1035.694 T4 575 +1782.264 +1035.694 T3 576 +1623.864 +1035.694 T2 577 +1465.464 +1035.694 T1 578 +1307.064 +1035.694 VSSTIEOFF 579 +1148.664 +1035.694 dummy 580 +1037.080 +1035.694 dummy 581 +984.280 +1035.694 dummy 582 +931.480 +1035.694 dummy 583 +878.680 +1035.694 SYMBOL PAD COORDINATES xy dummy 584 +825.880 +1035.694 dummy 585 +773.080 +1035.694 dummy 586 +720.280 +1035.694 dummy 587 +667.480 +1035.694 dummy 588 +614.680 +1035.694 dummy 589 +561.880 +1035.694 dummy 590 +509.080 +1035.694 dummy 591 +456.280 +1035.694 dummy 592 +403.480 +1035.694 dummy 593 +350.680 +1035.694 dummy 594 +297.880 +1035.694 dummy 595 +245.080 +1035.694 dummy 596 +192.280 +1035.694 dummy 597 +139.480 +1035.694 dummy 598 +86.680 +1035.694 dummy 599 +33.880 +1035.694 dummy 600 −18.920 +1035.694 dummy 601 −71.720 +1035.694 dummy 602 −124.520 +1035.694 dummy 603 −177.320 +1035.694 dummy 604 −230.120 +1035.694 dummy 605 −282.920 +1035.694 dummy 606 −335.720 +1035.694 dummy 607 −388.520 +1035.694 dummy 608 −441.320 +1035.694 dummy 609 −494.120 +1035.694 dummy 610 −546.920 +1035.694 dummy 611 −599.720 +1035.694 dummy 612 −652.520 +1035.694 dummy 613 −705.320 +1035.694 dummy 614 −758.120 +1035.694 dummy 615 −810.920 +1035.694 dummy 616 −863.720 +1035.694 dummy 617 −916.520 +1035.694 dummy 618 −969.320 +1035.694 dummy 619 −1022.120 +1035.694 dummy 620 −1074.920 +1035.694 dummy 621 −1127.720 +1035.694 dummy 622 −1180.520 +1035.694 SYMBOL PAD COORDINATES xy |