công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA349SA/3K bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện OPA349SA/3K
Giải thích chi tiết về linh kiện  1uA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

OPA349SA/3K bảng dữ liệu(HTML) 2 Page - Texas Instruments

  OPA349SA/3K Datasheet HTML 1Page - Texas Instruments OPA349SA/3K Datasheet HTML 2Page - Texas Instruments OPA349SA/3K Datasheet HTML 3Page - Texas Instruments OPA349SA/3K Datasheet HTML 4Page - Texas Instruments OPA349SA/3K Datasheet HTML 5Page - Texas Instruments OPA349SA/3K Datasheet HTML 6Page - Texas Instruments OPA349SA/3K Datasheet HTML 7Page - Texas Instruments OPA349SA/3K Datasheet HTML 8Page - Texas Instruments OPA349SA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OPA349, 2349
2
SBOS121B
www.ti.com
Supply Voltage, V+ to V– ................................................................... 5.5V
Signal Input Terminals, Voltage(2) .................. (V–) – 0.5V to (V+) + 0.5V
Current(2) .................................................... 10mA
Output Short Circuit(3) .............................................................. Continuous
Operating Temperature, OPA2349 ................................ –55
°C to +125°C
Operating Temperature, OPA349 ........................................ 0
°C to +85°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 3s) ................................................... 300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. These are stress ratings only, and functional opera-
tion of the device at these, or any other conditions beyond those specified,
is not implied. (2) Input terminals are diode-clamped to the power-supply
rails. Input signals that can swing more than 0.5V beyond the supply rails
should be current-limited to 10mA or less. (3) Short-circuit to ground, one
amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
DESIGNATOR(1)
MARKING
NUMBER
MEDIA, QUANTITY
Single
OPA349NA
SOT23-5
DBV
A49
OPA349NA /250
Tape and Reel, 250
""
"
"
OPA349NA/3K
Tape and Reel, 3000
OPA349UA
SO-8
D
OPA349UA
OPA349UA
Rails, 100
""
"
"
OPA349UA/2K5
Tape and Reel, 2500
OPA349SA
SC70-5
DCK
S49
OPA349SA/250
Tape and Reel, 250
""
"
"
OPA349SA/3K
Tape and Reel, 3000
Dual
OPA2349EA
SOT23-8
DCN
C49
OPA2349EA/250
Tape and Reel, 250
""
"
"
OPA2349EA/3K
Tape and Reel, 3000
OPA2349UA
SO-8
D
OPA2349UA
OPA2349UA
Rails, 100
""
"
"
OPA2349UA/2K5
Tape and Reel, 2500
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
1
2
3
5
4
V+
–In
Out
V–
+In
OPA349
SOT23-5
1
2
3
4
8
7
6
5
NC(1)
V+
Out
NC(1)
NC(1)
–In
+In
V–
OPA349
SO-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2349
SOT23-8, SO-8
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PIN CONFIGURATIONS
NOTE: (1) NC indicates no internal connection.
1
2
3
5
4
V+
Out
+In
V–
–In
OPA349
SC70-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com