công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PA15 bảng dữ liệu(PDF) 1 Page - Cirrus Logic

tên linh kiện PA15
Giải thích chi tiết về linh kiện  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APEX [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA15 bảng dữ liệu(HTML) 1 Page - Cirrus Logic

  PA15 Datasheet HTML 1Page - Cirrus Logic PA15 Datasheet HTML 2Page - Cirrus Logic PA15 Datasheet HTML 3Page - Cirrus Logic PA15 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
FEATURES
• HIGH VOLTAGE — 450V (
±225V)
• LOW COST
• LOW QUIESCENT CURRENT — 3.0mA MAX
• HIGH OUTPUT CURRENT — 200mA
• PROGRAMMABLE CURRENT LIMIT
APPLICATIONS
• PIEZOELECTRIC POSITIONING
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC TRANSDUCERS
• PROGRAMMABLE POWER SUPPLIES UP TO 440V
DESCRIPTION
The PA15 is a high voltage, low quiescent current MOSFET
operational amplifier designed as a low cost solution for driving
continuous output currents up to 200mA and pulse currents up
to 350mA into capacitive loads. The safe operating area (SOA)
has no second breakdown limitations and can be observed for
all type loads by choosing an appropriate current limiting
resistor. The MOSFET input stage has integrated static and
differential mode protection. The MOSFET output stage is
biased AB for linear operation. External compensation pro-
vides flexibility in choosing bandwidth and slew rate for the
application. The 10-pin power SIP package is electrically
isolated.
EQUIVALENT SCHEMATIC
Q1
Q2
6
1
2
5
9
8
10
7
R1 R2
C1
R3
Q3
CC1
CC2
Q6
Q5
R5
R8
R9
Q15
R11
R12
Q16
Q12
Q8
R4
R7
Q4
ILIM
OUT
Q14
R10
Q13
Q11
+VS
–IN
+IN
–VS
R6
LOW POWER, PIEZOELECTRIC POSITIONING
Piezo positioning may be applied to the focusing of seg-
mented mirror systems. The composite mirror may be com-
posed of hundreds of elements, each requiring focusing under
computer control. In such complex systems the PA15 reduces
the costs of power supplies and cooling with its advantages of
low cost and low quiescent power consumption while increas-
ing circuit density with the SIP package.
EXTERNAL CONNECTIONS
PACKAGE: SIP 02
F
R
PA15
IN
R
PIEZO DRIVE
S
–V
S
+V
OUT
V
COMPUTER
FOCUS
COMMAND
VOLTAGE
CL
R
10
7
5
2
1
6
RCL
CC
1
2
3
4
56
78
9
10
–IN
+IN
NC
–V
+V
CC1
ILIM
CC2
RC
OUT
NC
SS
PHASE COMPENSATION
GAIN
CC
RC
≥ 1
33pf
1K
Ω
≥ 10
OPEN
OPEN
RCL =
.6
ICL
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15 • PA15A
TYPICAL APPLICATION


Số phần tương tự - PA15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tempo Communications, I...
PA1511 TEMPOCOMMUNICATIONS-PA1511 Datasheet
1Mb / 2P
FIBER OPTIC HAND TOOLS FOR EVERY TECHNICIAN
04/21
logo
Greenlee Communications
PA1511 GREENLEE-PA1511 Datasheet
10Mb / 108P
COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
logo
Pulse A Technitrol Comp...
PA1513.211NLT PULSE-PA1513.211NLT Datasheet
1Mb / 4P
Power Beads
PA1513.211NLT PULSE-PA1513.211NLT Datasheet
1Mb / 5P
SMT Power Inductors
PA1513.261NLT PULSE-PA1513.261NLT Datasheet
1Mb / 4P
Power Beads
More results

Mô tả tương tự - PA15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com