| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM4950TS bảng dữ liệu(PDF) 9 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM4950TS bảng dữ liệu(HTML) 9 Page - National Semiconductor (TI) |
|
9 / 25 page ![]() Typical Performance Characteristics (Continued) Total Power Dissipation vs Load Dissipation Total Power Dissipation vs Load Dissipation 20047084 V DD = 12V, BTL operation, fIN = 1kHz, at (from top to bottom at 3W): R L =8 Ω,R L =16 Ω 20047081 V DD = 12V, SE operation, fIN = 1kHz, at (from top to bottom at 1W): R L =4 Ω,R L =8 Ω Output Power vs Load Resistance Output Power vs Load Resistance 20047094 V DD = 12V, BTL operation, fIN = 1kHz, at (from top to bottom at 15 Ω): THD+N = 10%, THD+N = 1% 20047091 V DD = 12V, SE operation, fIN = 1kHz, both channels driven and loaded, at (from top to bottom at 15 Ω): THD+N = 10%, THD+N = 1% Channel-to-Channel Crosstalk vs Frequency Channel-to-Channel Crosstalk vs Frequency 20047098 V DD = 12V, RL =4 Ω,P OUT = 1W, SE operation, at (from top to bottom at 1kHz): V INB driven, V OUTA measured; VINA driven, VOUTB measured 200470A3 V DD = 12V, RL =8 Ω,P OUT = 1W, SE operation, at (from top to bottom at 1kHz): V INB driven, V OUTA measured; VINA driven, VOUTB measured www.national.com 9 |