| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETX3150 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions (Continued) 10-Mbit/s MAC interface (ports 03–14) (continued) TERMINAL I/O DESCRIPTION NAME NO. I/O DESCRIPTION M03LINK E3 M04LINK G3 M05LINK K3 M06LINK R3 M07LINK U3 M08LINK AA2 I Link selector MXXLINK indicates the condition of the port connection (low = no link high = link) M09LINK AB4 I Link selector. MXXLINK indicates the condition of the port connection (low = no link, high = link). M10LINK AD5 M11LINK AD7 M12LINK AD10 M13LINK AD14 M14LINK AD16 M03RCLK F1 M04RCLK H1 M05RCLK K2 M06RCLK R2 M07RCLK V1 M08RCLK Y3 I Receive clock MXXRCLK is the receive clock from the attached PHY or test device M09RCLK AC1 I Receive clock. MXXRCLK is the receive clock from the attached PHY or test device. M10RCLK AF6 M11RCLK AF8 M12RCLK AE10 M13RCLK AD13 M14RCLK AE16 M03RXD E1 M04RXD H2 M05RXD L2 M06RXD T2 M07RXD V3 M08RXD Y2 I Receive data MXXRXD is the receive data Data is synchronous to MXXRCLK M09RXD AD1 I Receive data. MXXRXD is the receive data. Data is synchronous to MXXRCLK. M10RXD AF5 M11RXD AE8 M12RXD AE11 M13RXD AE13 M14RXD AF16 |