| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETX3150 bảng dữ liệu(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150 bảng dữ liệu(HTML) 67 Page - Texas Instruments |
|
67 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 67 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 port structures (continued) QM for store-and-forward operation (see Figure 26) Free Queue Register Working Register List of Empty External DRAM Buffers Four-Entry, Free-Buffer Stack Channel 0 Channel 1 Channel 14 Channel 0 Channel 1 Channel 14 Length Tail Head Head Tail Length Receive Queue for Channel 0 RX FIFO Buffers 1. RX FIFO buffer receives frame data. TX FIFO Buffers 6. Free buffer returned to the working buffer, first entry in the stack, or to the free queue if stack is full. 2. Full FIFO buffer transferred to next free DRAM buffer in stack or free queue. 3. Frame from receive queue 1 transferred by updating transmit queue 14 pointers (in this case four buffers are linked). 5. External buffer moved from DRAM to the TX FIFO and output Head Tail Length Length Tail Head Transmit Queue for Other Channels Transmit queue for channel 14 4. Maximum transmit queue length determined by register settings. Receive Queue for Other Channels Figure 26. Queue Management for Store and Forward |