| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2650MODAMOHT bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2650MODAMOHT bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 40 page ![]() nReset JTAG-TCK JTAG-TMS DIO0 DIO1 DIO2 DIO3 DIO4 DIO5 DIO6 DIO7 DIO8 DIO9 DIO10 DIO11 DIO12 DIO13 DIO14 VDDS VDDS CC2650MODAMOH U1 NC_2 2 DIO_0 4 DIO_1 5 DIO_2 6 DIO_3 7 DIO_4 8 DIO_5/JTAG_TDO 11 DIO_6/JTAG_TDI 12 DIO_7 14 DIO_8 15 DIO_9 16 DIO_10 17 DIO_11 18 DIO_12 19 DIO_13 20 DIO_14 21 VDDS 22 nRESET 13 JTAG_TMSC 9 JTAG_TCKC 10 VDDS 23 NC_24 24 GND 1 GND 3 GND 25 EGP 26 EGP 27 EGP 28 EGP 29 R28 100k Copyright © 2016, Texas Instruments Incorporated 32 CC2650MODA SWRS187A – AUGUST 2016 – REVISED AUGUST 2016 www.ti.com Submit Documentation Feedback Product Folder Links: CC2650MODA Application, Implementation, and Layout Copyright © 2016, Texas Instruments Incorporated 7 Application, Implementation, and Layout NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI's customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 7.1 Application Information 7.1.1 Typical Application Circuit No external components are required for the operation of the CC2650MODA device. Figure 7-1 shows the application circuit. Figure 7-1. CC2650MODA Application Circuit |