| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320UC5409 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320UC5409 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 81 page ![]() TMS320UC5409 FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS101E − APRIL 1999 − REVISED OCTOBER 2008 8 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 terminal functions The following table lists each signal, function, and operating mode(s) grouped by function. Terminal Functions TERMINAL NAME I/O† DESCRIPTION TERMINAL NAME I/O† DESCRIPTION DATA SIGNALS A22 (MSB) A21 A20 A19 A18 A17 A16 O/Z Parallel address bus A22 [most significant bit (MSB)] through A0 [least significant bit (LSB)]. The lower sixteen address pins (A0 to A15) are multiplexed to address all external memory (program, data) or I/O while the upper seven address pins (A16 to A22) are only used to address external program space. These pins are placed in the high-impedance state when the hold mode is enabled, or when OFF is low. A16 A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 (LSB) A15 (MSB) A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 (LSB) I These pins can be used to address internal memory via the HPI when the HPI16 pin is high (A0 – A15). D15 (MSB) D14 D13 D12 D11 D10 D9 D8 I/O/Z D15 (MSB) D14 D13 D12 D11 D10 D9 D8 I/O Parallel data bus D15 (MSB) through D0 (LSB). The sixteen data pins (D0 to D15) are multiplexed to transfer data between the core CPU and external data/program memory or I/O devices. The data bus is placed in the high-impedance state when not outputting or when RS or HOLD is asserted. The data bus also goes into the high-impedance state when OFF is low. The data bus has bus holders to reduce the static power dissipation caused by floating, unused pins. These bus holders also eliminate the need for external bias D8 D7 D6 D5 D4 D3 D2 D1 D0 (LSB) D8 D7 D6 D5 D4 D3 D2 D1 D0 (LSB) floating, unused pins. These bus holders also eliminate the need for external bias resistors on unused pins. When the data bus is not being driven by the UC5409, the bus holders keep the pins at the previous logic level. The data bus holders on the UC5409 are disabled at reset and can be enabled/disabled via the BH bit of the bank-switching control register (BSCR). INITIALIZATION, INTERRUPT, AND RESET OPERATIONS IACK O/Z Interrupt acknowledge signal. IACK indicates receipt of an interrupt and that the program counter is fetching the interrupt vector location designated by A15−A0. IACK also goes into the high-impedance state when OFF is low. INT0 INT1 INT2 INT3 I External user interrupts. INT0−INT3 are prioritized and are maskable by the interrupt mask register and the interrupt mode bit. INT0 −INT3 can be polled and reset by way of the interrupt flag register. NMI I Nonmaskable interrupt. NMI is an external interrupt that cannot be masked by way of the INTM or the IMR. When NMI is activated, the processor traps to the appropriate vector location. † I = Input, O = Output, Z = High-impedance, S = Supply ‡ Although this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs, a buffer is recommended to ensure the VIL and VIH specifications are met. Not Recommended For New Designs |