công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F400AMT bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện TMS28F400AMT
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F400AMT bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TMS28F400AMT Datasheet HTML 9Page - Texas Instruments TMS28F400AMT Datasheet HTML 10Page - Texas Instruments TMS28F400AMT Datasheet HTML 11Page - Texas Instruments TMS28F400AMT Datasheet HTML 12Page - Texas Instruments TMS28F400AMT Datasheet HTML 13Page - Texas Instruments TMS28F400AMT Datasheet HTML 14Page - Texas Instruments TMS28F400AMT Datasheet HTML 15Page - Texas Instruments TMS28F400AMT Datasheet HTML 16Page - Texas Instruments TMS28F400AMT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/
262144 BY 16-BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS829A − JANUARY 1996 − REVISED AUGUST 1997
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
byte-wide or word-wide mode selection (continued)
Table 8. Operation Modes for TMS28F004Axy
MODE
WP
E
G
RP
W
A9
A0
VPP
DQ0 − DQ7
Read
X
VIL
VIL
VIH
VIH
X
X
X
Data out
X
VIL
VIL
VIH
VIH
VID
VIL
X
Manufacturer-equivalent code 89h
Device-equivalent code 78h (top boot block)
Algorithm-selection mode
Device-equivalent code 78h (top boot block)
Algorithm-selection mode
X
VIL
VIL
VIH
VIH
VID
VIH
X
Device-equivalent code 79h (bottom boot
block)
Output disable
X
VIL
VIH
VIH
VIH
X
X
X
Hi-Z
Standby
X
VIH
X
VIH
X
X
X
X
Hi-Z
Reset / deep power down
X
X
X
VIL
X
X
X
X
Hi-Z
Write (see Note 3)
VIL
or
VIH
VIL
VIH
VIH
or
VHH
VIL
X
X
VPPL
or
VPPH
Data in
NOTES:
2. X = don’t care
3. When writing commands to the ’28F004Axy, VPP must be in the appropriate VPP voltage range (as shown in the recommended
operating conditions table) for block-erase or program commands to be executed. Also, depending on the combination of RP and
WP, the boot block can be secured and, therefore, is not programmable (see Table 2 for a list of the combinations).
command-state machine (CSM) operations
The CSM decodes instructions for read, read algorithm-selection code, read status register, clear status
register, program, erase, erase-suspend, and erase-resume. The 8-bit command code is input to the device on
DQ0 −DQ7 (see Table 3 for CSM codes). During a program or erase cycle, the CSM informs the WSM that a
program or erase cycle has been requested. During a program cycle, the WSM controls the program sequences
and the CSM responds only to status reads.
During an erase cycle, the CSM responds to status read and erase-suspend commands. When the WSM has
completed its task, the WSM status bit (SB7) is set to a logic-high level and the CSM responds to the full
command set. The CSM stays in the current command state until the microprocessor issues another command.
The WSM successfully initiates an erase or program operation only when VPP is within its correct voltage range.
For data protection, it is recommended that RP be held at a logic-low level during a CPU reset.
clear status register
The internal circuitry can set only the VPP status (SB3), the program status bit (SB4), and the erase status bit
(SB5) of the status register. The clear-status-register command (50h) allows the external microprocessor to
clear these status bits and synchronize to internal operations. When the status bits are cleared, the device
returns to the read array mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com