công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F400AMT bảng dữ liệu(PDF) 53 Page - Texas Instruments

tên linh kiện TMS28F400AMT
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F400AMT bảng dữ liệu(HTML) 53 Page - Texas Instruments

Back Button TMS28F400AMT Datasheet HTML 49Page - Texas Instruments TMS28F400AMT Datasheet HTML 50Page - Texas Instruments TMS28F400AMT Datasheet HTML 51Page - Texas Instruments TMS28F400AMT Datasheet HTML 52Page - Texas Instruments TMS28F400AMT Datasheet HTML 53Page - Texas Instruments TMS28F400AMT Datasheet HTML 54Page - Texas Instruments TMS28F400AMT Datasheet HTML 55Page - Texas Instruments TMS28F400AMT Datasheet HTML 56Page - Texas Instruments TMS28F400AMT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/
262144 BY 16-BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS829A − JANUARY 1996 − REVISED AUGUST 1997
53
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics for TMS28F004AFy and TMS28F400AFy over recommended ranges of
supply voltage and operating free-air temperature using test conditions given in Table 9 (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level dc
TTL
VCC = VCC MIN,IOH = − 2.5 mA
2.4
V
VOH
High-level dc
output voltage
CMOS
VCC = VCC MIN,IOH = − 100 µA
VCC − 0.4
V
VOL
Low-level dc output voltage
VCC = VCC MIN,IOL = 5.8 mA
0.45
V
VID
A9 selection code voltage
During read algorithm-selection mode
11.4
12.6
V
II
Input current (leakage), except for A9
when A9 = VID (see Note 10)
VCC = VCC MAX, VI = 0 V to VCC MAX, RP = VHH
±1
µA
IID
A9 selection code current
A9 = VID
500
µA
IRP
RP boot-block unlock current
RP = VHH
500
µA
IO
Output current (leakage)
VCC = VCC MAX, VO = 0 V to VCC MAX
±10
µA
IPPS
VPP standby current (standby)
VPP ≤ VCC
5-V VCC range
10
µA
IPPL
VPP supply current (reset / deep
power-down mode)
RP = VSS ± 0.2 V, VPP ≤ VCC
5-V VCC range
5
µA
IPP1
VPP supply current (active read)
VPP ≥ VCC
5-V VCC range
200
µA
IPP2
VPP supply current (active byte-write)
Programming in progress
5-V VPP range,
5-V VCC range
25
mA
IPP2
VPP supply current (active byte-write)
(see Notes 11 and 12)
Programming in progress
12-V VPP range,
5-V VCC range
20
mA
IPP3
VPP supply current (active word-write)
Programming in progress
5-V VPP range,
5-V VCC range
25
mA
IPP3
VPP supply current (active word-write)
(see Notes 11 and 12)
Programming in progress
12-V VPP range,
5-V VCC range
20
mA
IPP4
VPP supply current (block-erase)
Block-erase in progress
5-V VPP range,
5-V VCC range
20
mA
IPP4
VPP supply current (block-erase)
(see Notes 11 and 12)
Block-erase in progress
12-V VPP range,
5-V VCC range
15
mA
IPP5
VPP supply current (erase-suspend)
Block-erase suspended
5-V VPP range,
5-V VCC range
200
A
IPP5
VPP supply current (erase-suspend)
(see Notes 11 and 12)
Block-erase suspended
12-V VPP range,
5-V VCC range
200
µA
ICCS
VCC supply current
TTL-input level
VCC = VCC MAX, E = RP = VIH
5-V VCC range
2
mA
ICCS
VCC supply current
(standby)
CMOS-input level
VCC = VCC MAX, E = RP = VIH
5-V VCC range
130
µA
VCC supply current (reset / deep
0
°C to 70°C
8
ICCL
VCC supply current (reset / deep
power-down mode)
RP = VSS ± 0.2 V
− 40
°C to 85°C
8
µA
ICCL
power-down mode)
RP = VSS ± 0.2 V
− 40
°C to 125°C
40
µA
ICC1
VCC supply current
TTL-input level
E = VIL,IOUT = 0 mA,
f = 10 MHz, G = VIH
5-V VCC range
65
mA
ICC1
VCC supply current
(active read)
CMOS-input level
E = VSS,IOUT = 0 mA,
f = 10 MHz, G = VCC
5-V VCC range
60
mA
NOTES: 10. DQ15/A−1 is tested for output leakage only.
11. Characterization data available
12. All ac current values are RMS unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com