| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM814x bảng dữ liệu(PDF) 146 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x bảng dữ liệu(HTML) 146 Page - Texas Instruments |
|
146 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-46. Video Output 1 Terminal Functions (continued) SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. VOUT[1]_HSYNC/ EMAC[1], EMAC[1]_MCOL/ VIN[1]A, SPI[3], Video Output Horizontal Sync output. This is the discrete VIN[1]A_VSYNC/ IPD AC24 O UART3, GP2 horizontal synchronization output. This signal is not used SPI[3]_D[1]/ DVDD PINCNTL205 for embedded sync modes. UART3_RTS/ DSIS: N/A GP2[29] VOUT[1]_FLD/ CAMERA_I/F, CAM_FLD/ GPMC, UART2, Video Output Field ID output. This is the discrete field CAM_WE/ IPD AB23 O GP0 identification output. This signal is not used for embedded GPMC_A[11]/ DVDD_C PINCNTL174 sync modes. UART2_CTS/ DSIS: N/A GP0[28] VOUT[1]_AVID/ EMAC[1], EMAC[1]_MRXER/ VIN[1]A, UART4, Video Output Active Video output. This is the discrete VIN[1]A_CLK/ IPD Y22 O TIMER6, GP2 active video indicator output. This signal is not used for UART4_RTS/ DVDD PINCNTL207 embedded sync modes. TIM6_IO/ DSIS: N/A GP2[31] 146 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |