| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM814x bảng dữ liệu(PDF) 142 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x bảng dữ liệu(HTML) 142 Page - Texas Instruments |
|
142 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-45. Video Output 0 (Digital) Terminal Functions (continued) SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. IPD – VOUT[0]_R_CR[9]/ AC13 O DVDD PINCNTL203 IPD – VOUT[0]_R_CR[8]/ AE8 O DVDD PINCNTL202 IPD – VOUT[0]_R_CR[7]/ AF12 O DVDD PINCNTL201 IPD – VOUT[0]_R_CR[6]/ AF6 O DVDD PINCNTL200 Video Output Data. These signals represent the 8 MSBs of R/CR video data. For RGB mode they are red data IPD – VOUT[0]_R_CR[5]/ AF8 O bits, for YUV444 mode they are Cr (Chroma) data bits, DVDD PINCNTL199 for Y/C mode and BT.656 modes they are unused. IPD – VOUT[0]_R_CR[4]/ AA9 O DVDD PINCNTL198 GP2 VOUT[0]_R_CR[3]/ IPD AB9 O PINCNTL197 GP2[27] DVDD DSIS: PIN VOUT[0]_R_CR[2]/ EMU4, GP2 IPD EMU4/ AD9 O PINCNTL196 DVDD GP2[26] DSIS: PIN Video Output Vertical Sync output. This is the discrete IPD – VOUT[0]_VSYNC AB13 O vertical synchronization output. This signal is not used DVDD PINCNTL178 for embedded sync modes. Video Output Horizontal Sync output. This is the discrete IPD – VOUT[0]_HSYNC AC11 O horizontal synchronization output. This signal is not used DVDD PINCNTL177 for embedded sync modes. CAMERA_I/F, VOUT[0]_FLD/ GPMC, UART2, CAM_PCLK/ IPD GP2 GPMC_A[12]/ AF18 O DVDD_C PINCNTL175 UART2_RTS/ DSIS: N/A Video Output Field ID output. This is the discrete field GP2[2] MM: MUX1 identification output. This signal is not used for embedded sync modes. VOUT[0]_AVID/ VOUT[0], SPI[3], VOUT[0]_FLD/ TIMER7, GP2 IPD SPI[3]_SCLK/ AA10 O PINCNTL179 DVDD TIM7_IO/ DSIS: N/A GP2[21] MM: MUX0 VOUT[0]_AVID/ VOUT[0], SPI[3], VOUT[0]_FLD/ Video Output Active Video output. This is the discrete IPD TIMER7, GP2 SPI[3]_SCLK/ AA10 O active video indicator output. This signal is not used for DVDD PINCNTL179 TIM7_IO/ embedded sync modes. DSIS: N/A GP2[21] 142 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |