| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM814x bảng dữ liệu(PDF) 72 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x bảng dữ liệu(HTML) 72 Page - Texas Instruments |
|
72 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-10. GP0 Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. MCA[4], TIMER6 MCA[4]_AXR[1]/ IPD PINCNTL54 TIM6_IO/ J4 I/O DVDD DSIS: PIN GP0[24] MM: MUX1 VOUT[1], General-Purpose Input/Output (I/O) 0 [GP0] pin 24 VOUT[1]_R_CR[1]/ CAMERA_I/F, CAM_D[1]/ IPD GPMC, UART4 GPMC_A[7]/ AC19 I/O DVDD_C PINCNTL170 UART4_CTS/ DSIS: PIN GP0[24] MM: MUX0 MCA[4] MCA[4]_AXR[0]/ IPD PINCNTL53 H6 I/O GP0[23] DVDD DSIS: PIN MM: MUX1 VOUT[1], General-Purpose Input/Output (I/O) 0 [GP0] pin 23 VOUT[1]_G_Y_YC[0]/ CAMERA_I/F, CAM_D[2]/ IPD GPMC, UART4 GPMC_A[6]/ AC18 I/O DVDD_C PINCNTL169 UART4_TXD/ DSIS: PIN GP0[23] MM: MUX0 MCA[4] MCA[4]_AFSX/ IPD PINCNTL52 H3 I/O GP0[22] DVDD DSIS: PIN MM: MUX1 VOUT[1], General-Purpose Input/Output (I/O) 0 [GP0] pin 22 VOUT[1]_G_Y_YC[1]/ CAMERA_I/F, CAM_D[3]/ IPU GPMC, UART4 GPMC_A[5]/ AD18 I/O DVDD_C PINCNTL168 UART4_RXD/ DSIS: PIN GP0[22] MM: MUX0 MCA[4] MCA[4]_ACLKX/ IPD PINCNTL51 K7 I/O GP0[21] DVDD DSIS: PIN MM: MUX1 General-Purpose Input/Output (I/O) 0 [GP0] pin 21 VIN[0]B, VIN[0]B_FLD/ CAMERA_I/F IPU CAM_D[4]/ AD17 I/O PINCNTL167 DVDD_C GP0[21] DSIS: PIN MM: MUX0 MCA[3], MCA[1] MCA[3]_AXR[2]/ IPD PINCNTL49 MCA[1]_AXR[8]/ F2 I/O DVDD DSIS: PIN GP0[20] MM: MUX1 General-Purpose Input/Output (I/O) 0 [GP0] pin 20 VIN[0]A, VIN[0]A_FLD/ CAMERA_I/F IPU CAM_D[5]/ AC22 I/O PINCNTL166 DVDD_C GP0[20] DSIS: PIN MM: MUX0 MCA[3], TIMER5 MCA[3]_AXR[1]/ IPD PINCNTL48 TIM5_IO/ G2 I/O DVDD DSIS: PIN GP0[19] MM: MUX1 General-Purpose Input/Output (I/O) 0 [GP0] pin 19 VIN[0]B, VIN[0]B_DE/ CAMERA_I/F IPU CAM_D[6]/ AC15 I/O PINCNTL165 DVDD_C GP0[19] DSIS: PIN MM: MUX0 72 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |