công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 25Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 26Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 27Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 28Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 29Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 30Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 31Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 32Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516D – MARCH 2009 – REVISED AUGUST 2012
Table 2-2. Signal Descriptions (continued)
ZHH
ZFE
NAME
DESCRIPTION
BALL #
BALL #
GPIO72
General-Purpose Input/Output 72 (I/O/Z)
-
G13
H14
-
XD7
External Interface Data Line 7 (O)
GPIO73
General-Purpose Input/Output 73 (I/O/Z)
-
F14
G16
-
XD6
External Interface Data Line 6 (O)
GPIO74
General-Purpose Input/Output 74 (I/O/Z)
-
F13
G15
-
XD5
External Interface Data Line 5 (O)
GPIO75
General-Purpose Input/Output 75 (I/O/Z)
-
F12
G14
-
XD4
External Interface Data Line 4 (O)
GPIO76
General-Purpose Input/Output 76 (I/O/Z)
-
E13
F16
-
XD3
External Interface Data Line 3 (O)
GPIO77
General-Purpose Input/Output 77 (I/O/Z)
-
E11
F15
-
XD2
External Interface Data Line 2 (O)
GPIO78
General-Purpose Input/Output 78 (I/O/Z)
-
F10
F14
-
XD1
External Interface Data Line 1 (O)
GPIO79
General-Purpose Input/Output 79 (I/O/Z)
-
C14
E16
-
XD0
External Interface Data Line 0 (O)
GPIO80
General-Purpose Input/Output 80 (I/O/Z)
-
E6
B7
-
XA8
External Interface Address Line 8 (O)
GPIO81
General-Purpose Input/Output 81 (I/O/Z)
-
C5
C7
-
XA9
External Interface Address Line 9 (O)
GPIO82
General-Purpose Input/Output 82 (I/O/Z)
-
A5
B6
-
XA10
External Interface Address Line 10 (O)
GPIO83
General-Purpose Input/Output 83 (I/O/Z)
-
B5
C6
-
XA11
External Interface Address Line 11 (O)
GPIO84
General-Purpose Input/Output 84 (I/O/Z)
-
D5
A5
-
XA12
External Interface Address Line 12 (O)
GPIO85
General-Purpose Input/Output 85 (I/O/Z)
-
D4
B5
-
XA13
External Interface Address Line 13 (O)
GPIO86
General-Purpose Input/Output 86 (I/O/Z)
-
A3
C5
-
XA14
External Interface Address Line 14 (O)
GPIO87
General-Purpose Input/Output 87 (I/O/Z)
-
B3
A4
-
XA15
External Interface Address Line 15 (O)
External Interface Read Enable (O). The XRD pin is high-impedance on reset. It stays that way as
XRD
A14
D15
long as the XINTF clock is turned off (which happens on reset).
External Memory Interface Write Enable for Upper 16-bits (O). The XWE1 pin is high-impedance on
XWE1
C13
E14
reset. It stays that way as long as the XINTF clock is turned off (which happens on reset).
Copyright © 2009–2012, Texas Instruments Incorporated
Introduction
29
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com