công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3028RMHT bảng dữ liệu(PDF) 52 Page - Texas Instruments

tên linh kiện UCD3028RMHT
Giải thích chi tiết về linh kiện  Digital Power Controllers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3028RMHT bảng dữ liệu(HTML) 52 Page - Texas Instruments

Back Button UCD3028RMHT Datasheet HTML 48Page - Texas Instruments UCD3028RMHT Datasheet HTML 49Page - Texas Instruments UCD3028RMHT Datasheet HTML 50Page - Texas Instruments UCD3028RMHT Datasheet HTML 51Page - Texas Instruments UCD3028RMHT Datasheet HTML 52Page - Texas Instruments UCD3028RMHT Datasheet HTML 53Page - Texas Instruments UCD3028RMHT Datasheet HTML 54Page - Texas Instruments UCD3028RMHT Datasheet HTML 55Page - Texas Instruments UCD3028RMHT Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
UCD3040
UCD3028
UCD3020
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
www.ti.com
PMBus Address Detection
The PMBus needs six address bits to uniquely identify devices on the bus, where two physical ADC pins have
been assigned to decode the address. Thus, each pin is capable of resolving one of eight possible states for
decoding three bits. For address detection, the 10-
μA current sources must be enabled in the PMBUS trim
register for driving current out of channels 0 and 1. Where resistors are connected to ground for producing a
voltage in the range from 0.25 V to 2 V, resulting in 0.25 V-per-address-bit steps. Grounded inputs or open pins
then result in nonvalid states. Then an ADC conversion can be performed on those channels for detecting the
address. The resistor values shown in the table are 1% EIA standard values.
RESISTOR VALUE
PIN VOLTAGE
Addr. VALUE
Open
Vdd
Invalid
200 k
Ω
2 V
111
174 k
Ω
1.74 V
110
150 k
Ω
1.5 V
101
124 k
Ω
1.24V
100
100 k
Ω
1 V
011
75 k
Ω
0.75 V
010
49.9 k
Ω
0.5 V
001
24.9 k
Ω
0.25 V
000
Ground
0 V
Invalid
Table 7. Analog Input Mapping to ADC12
CHANNEL NO.
INTERNAL/EXTERNAL SIGNALS
DESCRIPTION
Ch-31
AD-15
Ch-30
AD-15
Loop 4 test signals
Ch-29
AD-15
Ch-28
AD-15
Ch-27
AD-15
Ch-26
AD-15
Loop 3 test signals
Ch-25
AD-15
Ch-24
AD-15
Ch-23
AD-15
Ch-22
AD-15
Loop 2 test signals
Ch-21
AD-15
Ch-20
AD-15
Ch-19
AD-15
Ch-18
AD-15
Loop 1 test signals
Ch-17
AD-15
Ch-16
AD-15
Ch-15
Temp sensor
Internal temperature sensor
Ch-14
AD-14
GP analog input to ADC12
Ch-13
AD-13
GP analog input to ADC12
Ch-12
AD-12
GP analog input to ADC12
Ch-11
AD-11
GP analog input to ADC12
Ch-10
AD-10
GP analog input to ADC12
Ch-9
AD-09
GP analog input to ADC12
Ch-8
AD-08
GP analog input to ADC12
Ch-7
AD-07
GP analog input to ADC12
Ch-6
AD-06
GP analog input to ADC12
Ch-5
AD-05
GP analog input to ADC12
52
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: UCD3040 UCD3028 UCD3020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com