công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3028RMHT bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện UCD3028RMHT
Giải thích chi tiết về linh kiện  Digital Power Controllers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3028RMHT bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button UCD3028RMHT Datasheet HTML 29Page - Texas Instruments UCD3028RMHT Datasheet HTML 30Page - Texas Instruments UCD3028RMHT Datasheet HTML 31Page - Texas Instruments UCD3028RMHT Datasheet HTML 32Page - Texas Instruments UCD3028RMHT Datasheet HTML 33Page - Texas Instruments UCD3028RMHT Datasheet HTML 34Page - Texas Instruments UCD3028RMHT Datasheet HTML 35Page - Texas Instruments UCD3028RMHT Datasheet HTML 36Page - Texas Instruments UCD3028RMHT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
UCD3040
UCD3028
UCD3020
www.ti.com
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
In resonant mode, the output is multiplied by the maximum-allowed switching period to modulate the DPWM
switching frequency. The filter output is also multiplied by a programmed percentage of the maximum-allowed
switching period to generate the required fixed DPWM duty ratio.
Nonlinear Control Capability
The nonlinear control capability of the UCD30xx is implemented by applying a user-programmable gain to the
incoming error signal. This gain is applied by use of the filter input scaler. The user has a paged table of five 6-bit
values that represent a 4.2 binary number. This allows a gain range of 0.25 to 15.75 in 0.25 increments. The
gain values are selected based on the range of the incoming error voltage from the EADC. The error voltage
range is determined by comparing it to a set of four 6-bit limits.
Error Range
Gain Applied
Register Bits Used (FLTRNLR1)
E(n) < Limit_0
≥ Gain0
[5–0]
Limit_0 < E(n) < Limit_1
≥ Gain1
[11–6]
Limit_1 < E(n) < Limit_2
≥ Gain2
[29–24]
Limit_2 < E(n) < Limit_3
≥ Gain3
[23–18]
E(n) > Limit_3
≥ Gain4
[17–2]
Five gain values and the four limit selections are set up in a paged structure (Figure 6). This allows the user to
configure the off page. The active page is controlled by a bit in the control register. The switching of the pages
occurs when the filter is inactive. The status bit must be polled to determine the active page before writing to a
bank.
Status Signals
There are five status signals available to the user.
•
Two EADC rail signals indicate that the EADC value coming into the filter has reached the maximum or
minimum limits.
•
A nonlinear page-active status shows the nonlinear table that is currently in use.
•
A clamp page-active status shows the clamp page that is currently in use.
•
A page-active status shows the coefficient page that is currently in use.
Control Signals
There are seven control signals available to the user.
•
The filter enable control that turns on and off filter processing. When this bit is disabled the user's software
can write to the input error terms and the stored output results.
•
The page active control sets which bank of coefficients is in use by the filter. The ability to write to the
coefficient banks depends on the setting of this control.
•
The read page control selects which coefficient bank is being read by the user's software.
•
The 3 pole 3 zero enable control turns on the filter processing through the optional 1 pole 1 zero stage.
•
The CPU sample enable control forces the filter to use the E(n) terms written by the user's software.
•
The clamp page active control sets which page of clamps are in use by the filter. The ability to write to the
clamp pages depends on the setting of this control.
•
The non-linear page active control sets which page of non-linear gain table and limits are in use by the filter.
The ability to write to the non-linear gain table and limits depend on the setting of this control.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: UCD3040 UCD3028 UCD3020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com