| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UCD3138RMHR bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138RMHR bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 78 page ![]() AGND AD13 AD06 AD04 AD03 DGND /RESET ADC_EXT_TRIG/TCAP/SYNC/PWM0 PMBUS_CLK/SCI_TX0 PMBUS_DATA/SCI_RX0 AGND BP18 DGND V33D TMS TDI/SCI_RX0/PMBUS_CTRL/FAULT1 TDO/SCI_TX0/PMBUS_ALERT/FAULT0 TCK/TCAP/SYNC/PWM0 FAULT2 AGND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 UCD3138RMH (40 QFN) UCD3138 www.ti.com SLUSAP2F – MARCH 2012 – REVISED NOVEMBER 2013 2.8 UCD3138RMH 40 QFN With Corner Anchors – Pin Assignments NOTE: The RMH package has thinner package height compared to the RHA package. There are also four corner pins on the RMH package. These features help to improve solder-joint reliability. The corner anchor pins and thermal pad should be soldered for robust mechanical performance and should be tied to the appropriate ground signal. Copyright © 2012–2013, Texas Instruments Incorporated Overview 13 Submit Documentation Feedback Product Folder Links: UCD3138 |