| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UCD3138RGCT bảng dữ liệu(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138RGCT bảng dữ liệu(HTML) 53 Page - Texas Instruments |
|
53 / 78 page ![]() ADC Channels S/H 12-bit SAR ADC 12-bit SAR ADC ADC12 Block ADC12 Control ADC Channel ADC Averaging Digital Comparators DPWM Modules ADC12 Registers Analog Comparators ADC External Trigger (from pin) UCD3138 www.ti.com SLUSAP2F – MARCH 2012 – REVISED NOVEMBER 2013 Figure 4-7. ADC12 Control Block Diagram 4.15.4 Timers External to the Digital Power Peripherals there are 3 different types of timers in UCD3138. They are the 24-bit timer, 16-bit timer and the Watchdog timer 4.15.4.1 24-bit PWM Timer There is one 24 bit counter PWM timer which runs off the Interface Clock and can further be divided down by an 8-bit pre-scalar to generate a slower PWM time period. The timer has two compare registers (Data Registers) for generating the PWM set/unset events. Additionally, the timer has a shadow register (Data Buffer register) which can be used to store CPU updates of the compare events while still using the timer. The selected shadow register update mode happens after the compare event matches. The two capture pins TCMP0 and TCMP1 are inputs for recording a capture event. A capture event can be set either to rising, falling, or both edges of the capture pin. Upon this event, the counter value is stored in the corresponding capture data register. The counter reset can be configured to happen on a counter roll over, a compare equal event, or by software controlled register. Five Interrupts from the PWM timer can be set, which are the counter rollover event (overflow), either capture event 0 or 1, or the two comparison match events. Each interrupt can be disabled or enabled. Upon an event comparison on only the second event, the TCMP pin can be configured to set, clear, toggle or have no action at the output. The value of PWM pin output can be read for status or simply configured as general purpose I/O for reading the value of the input at the pin. The first compare event can only be used as an interrupt. Copyright © 2012–2013, Texas Instruments Incorporated Functional Overview 53 Submit Documentation Feedback Product Folder Links: UCD3138 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |