công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCD3138RGCT bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UCD3138RGCT
Giải thích chi tiết về linh kiện  Highly Integrated Digital Controller for Isolated Power
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RGCT bảng dữ liệu(HTML) 4 Page - Texas Instruments

  UCD3138RGCT Datasheet HTML 1Page - Texas Instruments UCD3138RGCT Datasheet HTML 2Page - Texas Instruments UCD3138RGCT Datasheet HTML 3Page - Texas Instruments UCD3138RGCT Datasheet HTML 4Page - Texas Instruments UCD3138RGCT Datasheet HTML 5Page - Texas Instruments UCD3138RGCT Datasheet HTML 6Page - Texas Instruments UCD3138RGCT Datasheet HTML 7Page - Texas Instruments UCD3138RGCT Datasheet HTML 8Page - Texas Instruments UCD3138RGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
UCD3138
SLUSAP2F – MARCH 2012 – REVISED NOVEMBER 2013
www.ti.com
List of Figures
3-1
I
2C/SMBus/PMBus Timing Diagram
........................................................................................... 20
3-2
Bus Timing in Extended Mode
.................................................................................................. 20
3-3
Power On Reset (POR) / Brown Out Reset (BOR)
.......................................................................... 20
3-6
ADC12 Measurement Temperature Sensor Voltage vs. Temperature
.................................................... 22
3-7
ADC12 2.5-V Reference vs. Temperature
.................................................................................... 22
3-8
ADC12 Temperature Sensor Measurement Error vs. Temperature
....................................................... 22
3-9
UCD3138 Oscillator Frequency (2MHz Reference, Divided Down from 250MHz) vs. Temperature
.................. 22
4-1
Input Stage of EADC Module
................................................................................................... 28
4-2
Front End Module
(Front End 2 Recommended for Peak Current Mode Control)
............................................................. 28
4-3
Secondary-Referenced Phase-Shifted Full Bridge Control
With Synchronous Rectification
................................................................................................ 42
4-4
Secondary-Referenced Half-Bridge Resonant LLC Control
With Synchronous Rectification
................................................................................................ 43
4-5
Fault Mux Block Diagram
....................................................................................................... 51
4-6
PMBus Address Detection Method
............................................................................................ 52
4-7
ADC12 Control Block Diagram
................................................................................................. 53
4-8
Internal Temp Sensor
............................................................................................................ 56
4-9
Simplified Current Sharing Circuitry
........................................................................................... 57
4
List of Figures
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com