công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33991DH/R2 bảng dữ liệu(PDF) 34 Page - Motorola, Inc

tên linh kiện PC33991DH/R2
Giải thích chi tiết về linh kiện  Gauge Driver Integrated Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH/R2 bảng dữ liệu(HTML) 34 Page - Motorola, Inc

Back Button PC33991DH/R2 Datasheet HTML 28Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 29Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 30Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 31Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 32Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 33Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 34Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 35Page - Motorola, Inc PC33991DH/R2 Datasheet HTML 36Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
33991
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
34
/*Step15 */
Command_Gauge(0x10,0x00);
/* Null Read to get status */
/* Check SO bit ST4 to see if Gauge 0 has moved */
If((status & 0x10) != 0)
/* If it has moved, then keep track of position */
/* Wait until 24 steps are finished then send a RTZ command (Step 17) */
/* Step 16 */
Command_Gauge(0x80,0x02);
/* Send RTZ to Gauge 0 */
/* Step 17 */
Command_Gauge(0x10,0x00);
/* Null Read to get status */
/* Read Status until RTZ is done */
While ((status & 0x04) != 0)
{Command_Gauge(0x10,0x00);}
/* Step 18 */
Command_Gauge(0x80,0x03);
/* Send RTZ to Gauge 1 */
/* Step 19 */
Command_Gauge(0x10,0x00);
/* Null Read to get status */
/* Read Status until RTZ is done */
While ((status & 0x08) != 0)
{Command_Gauge(0x01,0x00);}
/* Step 20 */
Command_Gauge(0x00,0x00);
/* Disable Gauges and go into Standby */
/* Put device to sleep by setting RSTB to logic 0 */
}
void Command_Gauge(char MSB, char LSB)
/*This subroutine sends the GDIC commands on the SPI port */
{
PORTS = 0x00;
/* Chip select low (active) */
SP0DR = MSB;
/* send first byte of gauge command */
While ((SP0SR & 0x80) == 0);
/* wait for Rxflag (first byte) */
RTZdata = SP0DR;
/* Read status MSB */
SP0DR = LSB;
/* send second byte of command */
While ((SP0SR & 0x80) == 0);
/* wait for Rxflag (second byte) */
status = SP0DR;
/* read status LSB */
PORTS = 0x04;
/* Chip select high (deactivated) */
}
/* Motorola Semiconductor Products Sector */
/* October 4, 2002 */
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com