| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC33991DH/R2 bảng dữ liệu(PDF) 33 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
PC33991DH/R2 bảng dữ liệu(HTML) 33 Page - Motorola, Inc |
|
33 / 36 page ![]() MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA 33991 33 /* Step 8 */ Command_Gauge(0x80,0x03); /* Send RTZ to Gauge 1 */ /* Step 9 */ Command_Gauge(0x10,0x00); /* Null Read to get status */ /* Read Status until RTZ is done */ While ((status & 0x08) != 0) {Command_Gauge(0x10,0x00);} /* Step 10 */ Command_Gauge(0x23,0xFF); /* Send velocity */ /* Step 11 */ Command_Gauge(0x4F,0xFF); /* Send position to gauge0 */ /*Check SO bits for Out of Range Vpwr and Overtemperature */ If((status & 0x40) != 0) /* If bit ST6 is logic 1 then RTZ after valid Vpwr */ If((status & 0x01) != 0) /* If bit ST0 is logic 1 then enable driver again. /* If ST0 continues to indicate over temperature, then shut down Gauge 0. */ /* If ST2 returns to normal, then reestablish the zero reference by RTZ command. */ /* Step 12 */ Command_Gauge(0x6F,0xFF); /* Send position to gauge1 */ /*Check SO bits for Out of Range Vpwr and Over-Temperature */ If((status & 0x40) != 0) /* If bit ST6 is logic 1 then RTZ after valid Vpwr */ If((status & 0x01) != 0) /* If bit ST0 is logic 1 then enable driver again. /* If ST0 continues to indicate Over-Temperature, then shut down Gauge 1. */ /* If ST2 returns to normal, then reestablish the zero reference by RTZ command. */ /* Step 13 */ Command_Gauge(0x40,0x00); /* Send position to Gauge 0 */ /* Return the pointers close to zero position */ Command_Gauge(0x40,0x18); /* Send position to Gauge 0 */ /* Move the pointer at least 24 microsteps CW to the nearest full step */ /* Step 14 */ Command_Gauge(0x60,0x00); /* Send position to Gauge 1 */ /* Return the pointers close to zero position */ Command_Gauge(0x60,0x18); /* Send position to Gauge 1 */ /* Move the pointer at least 24 microsteps CW to the nearest full step */ /* Check SO bit ST4 to see if Gauge 0 has moved */ If((status & 0x10) != 0) /* If ST4 is logic 1 then Gauge 0 has moved to the first microstep */ Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |