công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ABBTM-NVC-MDCS56 bảng dữ liệu(PDF) 5 Page - Abracon Corporation

tên linh kiện ABBTM-NVC-MDCS56
Giải thích chi tiết về linh kiện  Bluetooth Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABRACON [Abracon Corporation]
Trang chủ  https://abracon.com
Logo ABRACON - Abracon Corporation

ABBTM-NVC-MDCS56 bảng dữ liệu(HTML) 5 Page - Abracon Corporation

  ABBTM-NVC-MDCS56 Datasheet HTML 1Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 2Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 3Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 4Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 5Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 6Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 7Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 8Page - Abracon Corporation ABBTM-NVC-MDCS56 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Bluetooth Module
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
| | | | | | | | | | | | | | |
Pb RoHS/RoHS II compliant
Internal CODEC – Digital to Analog Converter
Resistive
16
OC
Ω
Parameter
Condition
Min Typ Max
Unit
Resolution
16
Bits
Output Sample Rate, Fsample
8
48
kHz
Signal to Noise
Ration, SNR
fin = 1kHz
B/W = 20Hz ->20kHz
A-Weighted
THD+N<0.01%
0dBFS signal
Load = 100 kΩ
Fsample
8kHz
95
dB
11.025kHz
95
16kHz
95
22.050kHz
95
32kHz
95
44.1kHz
95
48kHz
95
Digital Gain
Digital Gain Resolution – 1/32 dB
-24
21.5
dB
Analog Gain
Analog Gain Resolution = 3dB
0
-21
dB
Output voltage full swing (differential)
750
mV rms
Allowed Load
Resistive
16
OC
Ω
Capacitive
500
pF
THD+ N 100 kΩ load
0.01
%
THD+ N 16 Ω load
0.1
%
SNR (Load 16 Ω, 0dBFS input relative to digital silence)
95
dB
Power Consumption
Operating Condition
Min
Typ
Max
Unit
Connected Idle (Sniff(a)1.28secs)
0.45
mA
Connected with audio streaming (A2DP)
30
35
40
mA
Deep Sleep Idle mode
50
µA
Radio On (Discovery)
23
mA
Radio On ( Inquiry window time)
35
mA
Note :
Power consumption depends on the firmware used. Typical values are shown in the table.
(a) Sniff mode ----- In Sniff mode, the duty cycle of the slave’s activity in the piconet may be reduced. If a slave is in active mode on
an ACL logical transport, it shall listen in every ACL slot to the master traffic, unless that link is being treated as a scatternet link or
is absent due to hold mode. With sniff mode, the time slots when a slave is listening are reduced, so the master shall only transmit to
a slave in specified time slots. The sniff anchor points are spaced regularly with an interval of Tsniff.
Revised: 08.14.13
ABBTM-NVC-MDCS56
23.24 x 11.93 x 2.05 mm SMT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com