| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P89LPC932 bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC932 bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 60 page ![]() Philips Semiconductors P89LPC932 8-bit microcontroller with accelerated two-clock 80C51 core Product data Rev. 04 — 06 January 2004 21 of 60 9397 750 12379 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. If an external interrupt is enabled when the P89LPC932 is put into Power-down or Idle mode, the interrupt will cause the processor to wake-up and resume operation. Refer to Section 8.14 “Power reduction modes” for details. (1) See Section 8.18 “Capture/Compare Unit (CCU)” Fig 7. Interrupt sources, interrupt enables, and power-down wake-up sources. 002aaa516 IE0 EX0 IE1 EX1 BOPD EBO KBIF EKBI INTERRUPT TO CPU WAKE-UP (IF IN POWER-DOWN) EWDRT CMF2 CMF1 EC EA (IE0.7) TF1 ET1 TI & RI/RI ES/ESR TI EST SI EI2C SPIF ESPI RTCF ERTC (RTCCON.1) WDOVF TF0 ET0 any CCU interrupt (see Note (1)) ECCU EEIF EIEF |