công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2548CPWRG4 bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV2548CPWRG4
Giải thích chi tiết về linh kiện  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548CPWRG4 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TLV2548CPWRG4 Datasheet HTML 17Page - Texas Instruments TLV2548CPWRG4 Datasheet HTML 18Page - Texas Instruments TLV2548CPWRG4 Datasheet HTML 19Page - Texas Instruments TLV2548CPWRG4 Datasheet HTML 20Page - Texas Instruments TLV2548CPWRG4 Datasheet HTML 21Page - Texas Instruments TLV2548CPWRG4 Datasheet HTML 22Page - Texas Instruments TLV2548CPWRG4 Datasheet HTML 23Page - Texas Instruments TLV2548CPWRG4 Datasheet HTML 24Page - Texas Instruments TLV2548CPWRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (continued)
MIN
NOM
MAX
UNIT
Pulse width, SCLK low time, twL(SCLK) (See Figures 16 and 19)
0.4
0.6
SCLKs
Pulse width, SCLK high time, twH(SCLK) (See Figures 16 and 19)
0.4
0.6
SCLKs
Setup time, SDI valid before falling edge of SCLK (FS is active) or the rising edge of
SCLK (FS=1), tsu(DI-SCLK (See Figures 16 and 19)
25
ns
Hold time, SDI hold valid after falling edge of SCLK (FS is active) or the rising edge
of SCLK (FS=1), th(DI-SCLK) (See Figure 16)
5
ns
Delay time, delay from CS falling edge to SDO valid, td(CSL-DOV)
(See Figures 16 and 19)
25
ns
Delay time, delay from FS falling edge to SDO valid, td(FSL-DOV) (See Figure 16)
25
ns
Delay time, delay from SCLK falling edge (FS is
VCC = 4.5 V
SDO = 5 pF
0.5 SCLK
0.5 SCLK
+ 9
Delay time, delay from SCLK falling edge (FS is
active) or SCLK rising edge (FS=1) to SDO valid,
td(SCLK-DOV). (See Figures 16 and 19).
VCC = 4.5 V
SDO = 25 pF
0.5 SCLK
0.5 SCLK
+ 10
ns
td(SCLK-DOV). (See Figures 16 and 19).
For a date code later than xxx, see the date code
information item (3).
VCC = 2.7 V
SDO = 5 pF
0.5 SCLK
0.5 SCLK
+ 18
ns
information item (3).
VCC = 2.7 V
SDO = 25 pF
0.5 SCLK
0.5 SCLK
+ 19
Delay time, delay from 17th SCLK rising edge (FS is active) or the 16th falling edge
(FS=1) to EOC falling edge, td(SCLK-EOCL) (See Figures 16 and 19)
45
ns
Delay time, delay from 16th SCLK falling edge to INT falling edge (FS =1) or from
the 17th rising edge SCLK to INT falling edge (when FS active), td(SCLK-INTL)
(See Figure 19)
Min t(conv)
µs
Delay time, delay from CS falling edge or FS rising edge to INT rising edge,
td(CSL-INTH) or td(FSH-INTH). See Figures 16, 17, 18 and 19)
1
50
ns
Delay time, delay from CS rising edge to CSTART falling edge, td(CSH-CSTARTL)
(See Figures 17 and 18)
100
ns
Delay time, delay from CSTART rising edge to EOC falling edge, td(CSTARTH-EOCL)
(See Figures 17 and 18)
1
50
ns
Pulse width, CSTART low time, twL(CSTART) (See Figures 17 and 18)
Min t(sample)
µs
Delay time, delay from CSTART rising edge to CSTART falling edge,
td(CSTARTH-CSTARTL) (See Figure 18)
Max t(conv)
µs
Delay time, delay from CSTART rising edge to INT falling edge, td(CSTARTH-INTL)
(See Figures 17 and 18)
Max t(conv)
µs
Operating free-air temperature, TA
TLV2544C/TLV2548C
0
70
°C
Operating free-air temperature, TA
TLV2544I/TLV2548I
−40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com